Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7465 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7465
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7465 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7465 Datasheet HTML 1Page - STMicroelectronics TDA7465 Datasheet HTML 2Page - STMicroelectronics TDA7465 Datasheet HTML 3Page - STMicroelectronics TDA7465 Datasheet HTML 4Page - STMicroelectronics TDA7465 Datasheet HTML 5Page - STMicroelectronics TDA7465 Datasheet HTML 6Page - STMicroelectronics TDA7465 Datasheet HTML 7Page - STMicroelectronics TDA7465 Datasheet HTML 8Page - STMicroelectronics TDA7465 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RMON1
Simulated R Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p,Rin and Lin
→Rout
– 4.5
dB
RMON2
Simulated R Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p,Rin and Lin
→Rout
3.8
dB
RMON3
Simulated R Output 3
Simulated Mode, Effect Ctrl = -6dB
Input signal of 3.6kHz,
1.4 Vp-p,Rin and Lin
→ Rout
–20
dB
RLP1
Low Pass Filter Resistance
7.5
10
12.5
K
Ω
RHPI
High Pass Filter Resistance
45
60
75
K
Ω
RLPF
LP Pin Impedance
7.5
10
12.5
K
Ω
RREARIN
Rear Input Resistance
D6 = 0
37.5
50
62.5
K
Ω
RREAROUT
Rear Output Resistance
D6 = 0
10
30
50
Ω
VOUT
DC Rear Voltage Level
D6 = 0
4.5
V
STANDARD SURROUND SOUND EFFECT CONTROL
CRANGE
Control Range
- 21
- 6
dB
SSTEP
Step Resolution
1
dB
SURROUND SOUND MATRIX PHASE
RPS10
Phase Shifter 1: D1 = 0, D0 = 0
8.8
11.8
14.8
K
Ω
RPS11
Phase Shifter 1: D1 = 0, D0 = 1
10.6
14.1
17.6
K
Ω
RPS12
Phase Shifter 1: D1 = 1, D0 = 0
13.4
17.9
22.4
K
Ω
RPS13
Phase Shifter 1: D1 = 1, D0 = 1
28
37.3
46.6
K
Ω
RPS20
Phase Shifter 2: D3 = 0, D2 = 0
4.2
5.6
7
K
Ω
RPS21
Phase Shifter 2: D3 = 0, D2 = 1
5.1
6.8
8.5
K
Ω
RPS22
Phase Shifter 2: D3 = 1, D2 = 0
6.3
8.4
10.5
K
Ω
RPS23
Phase Shifter 2: D3 = 1, D2 = 1
13.7
18.3
22.9
K
Ω
RPS30
Phase Shifter 3: D5 = 0, D4 = 0
9
12.1
15.1
K
Ω
RPS31
Phase Shifter 3: D5 = 0, D4 = 1
10.9
14.5
18.1
K
Ω
RPS32
Phase Shifter 3: D5 = 1, D4 = 0
13.6
18.1
22.6
K
Ω
RPS33
Phase Shifter 3: D5 = 1, D4 = 1
29.3
39.1
48.9
K
Ω
RPS40
Phase Shifter 4: D7 = 0, D6 = 0
9
12.1
15.1
K
Ω
SRS SURROUND SOUND MATRIX
CENTER
SRS Control Range
-31
0
dB
StepC
Center Step Resolution
1
dB
SPACE
SRS Space Control Range
-31
0
dB
StepS
Space Step Resolution
1
dB
PERSP1
Perspective 1
Input Signal of 125Hz
SPACE = 0dB, CENTER = MUTE
Rin = GND; Lin
→ ROUT
12
dB
PERSP2
Perspective 2
Input Signal of 2.15KHz
SPACE = 0dB, CENTER = MUTE
Rin = GND; Lin
→ ROUT
0dB
L+R
L+ R SRS Curve
SPACE = MUTE, CENTER =0dB
Rin = GND; Lin
→ ROUT
-8.5
dB
TDA7465
5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com