Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7465 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7465
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7465 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7465 Datasheet HTML 1Page - STMicroelectronics TDA7465 Datasheet HTML 2Page - STMicroelectronics TDA7465 Datasheet HTML 3Page - STMicroelectronics TDA7465 Datasheet HTML 4Page - STMicroelectronics TDA7465 Datasheet HTML 5Page - STMicroelectronics TDA7465 Datasheet HTML 6Page - STMicroelectronics TDA7465 Datasheet HTML 7Page - STMicroelectronics TDA7465 Datasheet HTML 8Page - STMicroelectronics TDA7465 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TDA7465
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH
SRS SURROUND SOUND AND VOICE CANCELLER
1 STEREO INPUT AND 1 MIXER INPUT
INPUT ATTENUATION CONTROL IN 0.5dB
STEP
TREBLE MIDDLE AND BASS CONTROL
VOICE CANCELLER IS AVAILABLE
STEREO SRS SURROUND SOUND WITH
CENTER & SPACE CONTROL IS AVAILABLE
THREE STANDARD SURROUND MODES
ARE AVAILABLE:
- MUSIC IN 4 DIFFERENT SELECTABLE
RESPONSES
- MOVIE AND SIMULATED IN 256
DIFFERENT SELECTABLE RESPONSES
REAR OUTPUT IS AVAILABLE TO DRIVE
EXTRA SURROUND SPEAKERS
2 SPEAKERS OUTPUTS
- INDEPENDENT ATTENUATORS IN 1dB
STEP FOR BALANCE FACILITY
- ZERO CROSSING ATTENUATION AVAILABLE
- INDEPENDENT MUTE FUNCTION
2 RECORD OUTPUTS
- INDEPENDENT ATTENUATORS IN 1dB
STEP FOR BALANCE FACILITY
- MUX AVAILABLE FOR PROCESSES SIGNAL
SELECTION
- INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL BUS
ADDRESS PIN AVAILABLE
DESCRIPTION
The TDA7465 is a volume tone (bass middle and
treble) balance (Left/Right) processors with stereo
SRS and voice canceller for quality audio applica-
tions in car radio, Hi-Fi, TV systems.
It reproduces SRS (Sound Retrieval System)
sound by external components and surround
sound by using phase shifters and a signal ma-
trix. The AC signal setting is obtained by resistor
networks and switches combined with operational
amplifiers according to the SRS laboratories
specification. An Extra Mix Input is available to
connect microphone for KARAOKE feature.
Control of all the functions is accomplished by se-
rial bus.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are
obtained.
May 1997
ORDERING NUMBER: TDA7465
SDIP42
LP
LP1
HP1
HP2
VAR_L
VAR_R
BASSO_L
BASSO_R
BASS_LO
1
3
2
4
5
6
7
8
9
R_OUT
L_OUT
RECOUT_R
NETW1
RECOUT_L
NETW2
VREFOUT
MIX
L_IN
37
36
35
34
33
31
32
30
29
D96AU479B
10
11
12
13
14
42
41
40
39
38
VS
PS4
PS3
PS2
PS1
R_IN
LPVC
REAR_IN
REAR_OUT
CREF
BASS_LI
BASS_RO
BASS_RI
MIDDLE_LI
MIDDLE_LO
MIDDLE_RO
MIDDLE_RI
15
16
TREBLE_R
TREBLE_L
AGND
SDA
ADDR
SCL
DIG_GND
28
27
26
24
25
23
22
17
18
19
20
21
PIN CONNECTION
The Device incorporates the SRS
(Sound Retrieval System) under
licence from SRS Labs, Inc.
1/20


Similar Part No. - TDA7465

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
TDA7460ND STMICROELECTRONICS-TDA7460ND Datasheet
227Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
TDA7461D STMICROELECTRONICS-TDA7461D Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
More results

Similar Description - TDA7465

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
STMicroelectronics
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Nov-1999
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jul-1999
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7442 STMICROELECTRONICS-TDA7442 Datasheet
154Kb / 17P
TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 2
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Feb-1998
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
May-1997
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Sep-2003
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com