Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7465 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7465
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7465 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7465 Datasheet HTML 1Page - STMicroelectronics TDA7465 Datasheet HTML 2Page - STMicroelectronics TDA7465 Datasheet HTML 3Page - STMicroelectronics TDA7465 Datasheet HTML 4Page - STMicroelectronics TDA7465 Datasheet HTML 5Page - STMicroelectronics TDA7465 Datasheet HTML 6Page - STMicroelectronics TDA7465 Datasheet HTML 7Page - STMicroelectronics TDA7465 Datasheet HTML 8Page - STMicroelectronics TDA7465 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
AVO3
Voice Canceller Output 3
LIN =-RIN,Vmix = 0V FIX,
0dB attenuation
56
7
dB
RLPV
Low Pass Filter Resistance
24
32
40
K
RMIX
Input Impedance
75
100
125
K
BASS CONTROL
Gb
Control Range
Max. Boost/cut
+12.0
+14.0
+16.0
dB
BSTEP
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
33
44
55
K
MIDDLE CONTROL
Gm
Control Range
Max. Boost/cut
+12.0
+14.0
+16.0
dB
MSTEP
Step Resolution
1
2
3
dB
RM
Internal Feedback Resistance
18.75
25
31.25
K
TREBLE CONTROL
Gt
Control Range
Max. Boost/cut
+13.0
+14.0
+15.0
dB
TSTEP
Step Resolution
1
2
3
dB
STANDARD SURROUND SOUND MATRIX
TEST CONDITION (Phase Resistor Selection D0=0, D1=1, D2=0. D3=1, D4=0, D5=1, D6=0, D7=1
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GOFF
In-phase Gain (OFF)
Mode OFF, Input signal of
1kHz, 1.4 Vp-p,Rin
→ Rout
Lin
→ Lout
-1
0
1
dB
DGOFF
LR In-phase Gain Difference
(OFF)
Mode OFF, Input signal of
1kHz, 1.4 Vp-p
Rin
→ Rout,Lin → Lout
-1
0
1
dB
GMOV
In-phase Gain (Movie)
Movie mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
Rin
→ Rout,Lin → Lout
8dB
DGMOV
LR In-phase Gain Difference
(Movie)
Movie mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin
→ Rout)– (Lin → Lout)
0dB
GMUS
In-phase Gain (Music)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin
→ Rout), (Lin → Lout)
7dB
DGMUS
LR In-phase Gain Difference
(Music)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin
→ Rout)-(Lin → Lout)
0dB
LMON1
Simulated L Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p,Rin and Lin
→ Lout
4.5
dB
LMON2
Simulated L Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p,Rin and Lin
→ Lout
– 4.0
dB
LMON3
Simulated L Output 3
Simulated Mode, EffectCtrl = -
6dB
Input signal of 3.6kHz,
1.4 Vp-p,Rin and Lin
→ Lout
7.0
dB
TDA7465
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com