Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7467 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7467
Description  AUDIO MATRIX WITH SRS EFFECTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7467 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7467 Datasheet HTML 3Page - STMicroelectronics TDA7467 Datasheet HTML 4Page - STMicroelectronics TDA7467 Datasheet HTML 5Page - STMicroelectronics TDA7467 Datasheet HTML 6Page - STMicroelectronics TDA7467 Datasheet HTML 7Page - STMicroelectronics TDA7467 Datasheet HTML 8Page - STMicroelectronics TDA7467 Datasheet HTML 9Page - STMicroelectronics TDA7467 Datasheet HTML 10Page - STMicroelectronics TDA7467 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MSB
LSB
INPUT ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0.5 dB STEPS
000
0
0
0
1
-0.5
010
-1
0
1
1
-1.5
100
-2
1
0
1
-2.5
110
-3
1
1
1
-3.5
4 dB STEPS
0000
0
0001
-4
0010
-8
0011
-12
0100
-16
0101
-20
0110
-24
0111
-28
1
MUTE
INPUT ATTENUATION = 0
∼ -31.5dB
SRS MODE
D7
D6
D5
D4
D3
D2
D1
D0
MODE
X
0
SRS OFF (FIX)
X
1
SRS ON
0
1
MONO SRS (MONO 3D)
1
1
STEREO SRS (STEREO 3D)
RECOMMENDED TO ATTENUATE -3dB ON ”SRS OFF”
ie. MONO SRS (MONO 3D): XXXXXX01
INPUT ATTENUATION SELECTION
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
B
X
X
X
X
X
0
0
MODE
B
X
X
X
X
X
0
1
SRS/SPACE ATTENUATION
B
X
X
X
X
X
1
0
SRS/CENTER ATTENUATION
B
X
X
X
X
X
1
1
INPUT ATTENUATION
B = 1: INCREMENTAL BUS; ACTIVE
B = 0: NO INCREMENTAL BUS
X = INDIFFERENT 0, 1
The first byte (subaddress)
DATA BYTES (Address = 80(HEX) if ADDR pin is floating, 82(HEX) if ADDR pin is connected to VS):
FUNCTION SELECTION:
TDA7467
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com