Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7467 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7467
Description  AUDIO MATRIX WITH SRS EFFECTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7467 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7467 Datasheet HTML 1Page - STMicroelectronics TDA7467 Datasheet HTML 2Page - STMicroelectronics TDA7467 Datasheet HTML 3Page - STMicroelectronics TDA7467 Datasheet HTML 4Page - STMicroelectronics TDA7467 Datasheet HTML 5Page - STMicroelectronics TDA7467 Datasheet HTML 6Page - STMicroelectronics TDA7467 Datasheet HTML 7Page - STMicroelectronics TDA7467 Datasheet HTML 8Page - STMicroelectronics TDA7467 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA7467
AUDIO MATRIX WITH SRS EFFECTS
1 STEREO INPUT
INPUT ATTENUATION CONTROL IN 0.5dB
STEP
- MUTE FUNCTION
MONO MODE (SRS 3D MONO)
STEREO MODE (SRS 3D STEREO)
SPACE AND CENTER ATTENUATORS ARE
AVAILABLE
ALL FUNCTION ARE PROGRAMMABLE VIA
SERIAL BUS (I
2C BUS)
DESCRIPTION
The TDA7467 is a SRS (Sound Retrieval System)
audio matrix. It reproduces SRS sound process-
ing stereo and mono sources both.
The SRS sound is guaranteed by external com-
ponents and it is not affected by internal process
spreads.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers according to the SRS labs specifica-
tion.
Control of all the functions is accomplished by serial
bus. Thanks to the used BIPOLAR/CMOS/DMOS
technology, Low Distortion, Low Noise and DC
stepping are obtained.
May 1997
DIP28
The Device incorporates the SRS
(Sound Retrieval System) under
licence from SRS Labs, Inc.
ORDERING NUMBER: TDA7467
SO28
ORDERING NUMBER: TDA7467D
ADDR
SDA
AGND
PS1
PS2
PS4
PS3
PS5
PS6
1
3
2
4
5
6
7
8
9
NETW1
NETW2
VREFOUT
HP2
HP1
HP3
VS
HP4
HP5
23
22
21
20
19
17
18
16
15
D96AU507
10
11
12
13
14
28
27
26
25
24
LOUT
RIN
LIN
DIG_GND
SCL
HP6
LP1
LP2
CREF
ROUT
PIN CONNECTION (Top view)
1/11


Similar Part No. - TDA7467

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
TDA7460ND STMICROELECTRONICS-TDA7460ND Datasheet
227Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
TDA7461D STMICROELECTRONICS-TDA7461D Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
More results

Similar Description - TDA7467

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2193 NJRC-NJM2193 Datasheet
67Kb / 8P
FOCUS & SRS AUDIO PROCESSOR
logo
Texas Instruments
TAS3103 TI-TAS3103 Datasheet
949Kb / 146P
Digital Audio Processor With 3D Effects
logo
New Japan Radio
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
SRS WOW AUDIO PROCESSOR
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
AUDIO PROCESSOR with SRS
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
AUDIO PROCESSOR with SRS 3D STEREO
NJW1180 NJRC-NJW1180 Datasheet
344Kb / 15P
Audio Processor with SRS WOW
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
logo
Texas Instruments
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
Digital Audio Processor With 3D Effects
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
Digital Audio Processor With 3D Effects
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com