Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7467 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7467
Description  AUDIO MATRIX WITH SRS EFFECTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7467 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7467 Datasheet HTML 1Page - STMicroelectronics TDA7467 Datasheet HTML 2Page - STMicroelectronics TDA7467 Datasheet HTML 3Page - STMicroelectronics TDA7467 Datasheet HTML 4Page - STMicroelectronics TDA7467 Datasheet HTML 5Page - STMicroelectronics TDA7467 Datasheet HTML 6Page - STMicroelectronics TDA7467 Datasheet HTML 7Page - STMicroelectronics TDA7467 Datasheet HTML 8Page - STMicroelectronics TDA7467 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AUDIO OUTPUTS
No(Off)
Output Noise (OFF)
Output muted, Flat
BW (20Hz to 20KHz)
4
5
µVrms
µVrms
No(srs)
Output noise (srs)
Surround Sound
BW (20Hz to 20KHz)
50
µVrms
d
Distortion
AV =0;Vin = 1Vrms
0.01
0.1
%
SC
Channel Separation
90
dB
Vocl
Clipping Level
d = 0.3%
2
2.5
Vrms
Rout
Output Resistance
30
Ω
Vout
DC Voltage Level
3.8
V
BUS INPUTS
Vil
Input Low Voltage
1V
Vih
Input High Voltage
3
V
Iin
Input Current
-5
5
µA
Vo
Output Voltage SDA
Acknowledge
IO =1.6mA
0.4
V
SRS SURROUND SOUND MATRIX
CENTER
SRS Control Range
-31
0
dB
StepC
Center Step Resolution
1
dB
SPACE
SRS Space Control Range
-31
0
dB
StepS
Space Step Resolution
1
dB
PERSP1
Perspective 1
Input Signal of 125Hz
SPACE = 0dB, CENTER = MUTE
Rin = GND; Lin
→ ROUT
12
dB
PERSP2
Perspective 2
Input Signal of 2.15KHz
SPACE = 0dB, CENTER = MUTE
Rin = GND; Lin
→ ROUT
0dB
L+R
L+ R SRS Curve
SPACE = MUTE, CENTER =0dB
Rin = GND; Lin
→ ROUT
-8.5
dB
L, R
L, R SRS Curve
SPACE = MUTE, CENTER =0dB
Rin = GND; Lin
→ LOUT
Lin = GND; Rin
→ ROUT
-13.4
dB
TDA7467
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com