Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7467 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7467
Description  AUDIO MATRIX WITH SRS EFFECTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7467 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7467 Datasheet HTML 1Page - STMicroelectronics TDA7467 Datasheet HTML 2Page - STMicroelectronics TDA7467 Datasheet HTML 3Page - STMicroelectronics TDA7467 Datasheet HTML 4Page - STMicroelectronics TDA7467 Datasheet HTML 5Page - STMicroelectronics TDA7467 Datasheet HTML 6Page - STMicroelectronics TDA7467 Datasheet HTML 7Page - STMicroelectronics TDA7467 Datasheet HTML 8Page - STMicroelectronics TDA7467 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-pins
Thermal Resistance Junction-pins
Ma x.
85
°C/W
QUICK REFERENCE DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7
9
10.2
V
VCL
Max. input signal handling
2
Vrms
THD
Total Harmonic Distortion V = 1Vrms f = 1KHz
0.01
0.1
%
S/N
Signal to Noise Ratio V out = 1Vrms (mode = OFF)
106
dB
SC
Channel Separation f = 1KHz
90
dB
Input Control (0.5dB)
-31.5
0
dB
SRS Center Control (1dB step)
-31
0
dB
SRS Space Control (1dB step)
-31
0
dB
Mute Attenuation
100
dB
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
11
V
Tamb
Operating Ambient Temperature
-10 to 85
°C
Tstg
Storage Temperature Range
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (refer to the test circuit Tamb =25
°C, VS = 9V, RL = 10KΩ,
Vin = 1Vrms; RG = 600
Ω, all controls flat (G = 0dB), Effect Ctrl = -6dB, MODE = OFF; f = 1KHz
unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
7
9
10.2
V
IS
Supply Current
25
mA
SVR
Ripple Rejection
LCH /RCH out, Mode = OFF
60
80
dB
INPUT STAGE
RIN
Input Resistance
37.5
50
62.5
K
Ω
VCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
AVMIN
Min. Attenuation
-1
0
1
dB
AVMAX
Max. Attenuation
31
31.5
32
dB
ASTEP
Step Resolution
-1
0.5
1
dB
VDC
DC Steps
Adjacent att. step
-3
0
3
mV
SRS EFFECT CONTROL
Crange1
Center/Space Control Range
-31
0
dB
Sstep1
Center/Space Step Resolution
1
dB
TDA7467
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com