Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZ2
Description  Silicon Planar Zener Diode for Stabilized Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZ2 Datasheet HTML 1Page - Renesas Technology Corp HZ2 Datasheet HTML 2Page - Renesas Technology Corp HZ2 Datasheet HTML 3Page - Renesas Technology Corp HZ2 Datasheet HTML 4Page - Renesas Technology Corp HZ2 Datasheet HTML 5Page - Renesas Technology Corp HZ2 Datasheet HTML 6Page - Renesas Technology Corp HZ2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HZ-N Series
REJ03G1625-0100 Rev.1.00 Mar 25, 2008
Page 4 of 6
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V) *
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
-1-N
14.1
14.7
-2-N
14.5
15.1
HZ15
-3-N
14.9
15.5
5
1
11
40
5
-1-N
15.3
15.9
-2-N
15.7
16.5
HZ16
-3-N
16.3
17.1
5
1
12
45
5
-1-N
16.9
17.7
-2-N
17.5
18.3
HZ18
-3-N
18.1
19.0
5
1
13
55
5
-1-N
18.8
19.7
-2-N
19.5
20.4
HZ20
-3-N
20.2
21.1
2
1
15
60
2
-1-N
20.9
21.9
-2-N
21.6
22.6
HZ22
-3-N
22.3
23.3
2
1
17
65
2
-1-N
22.9
24.0
-2-N
23.6
24.7
HZ24
-3-N
24.3
25.5
2
1
19
70
2
-1-N
25.2
26.6
-2-N
26.2
27.6
HZ27
-3-N
27.2
28.6
2
1
21
80
2
-1-N
28.2
29.6
-2-N
29.2
30.6
HZ30
-3-N
30.2
31.6
2
1
23
100
2
-1-N
31.2
32.6
-2-N
32.2
33.6
HZ33
-3-N
33.2
34.6
2
1
25
120
2
-1-N
34.2
35.7
-2-N
35.3
36.8
HZ36
-3-N
36.4
38.0
2
1
27
140
2
Notes: 1. Tested with DC.
2. Part No. is as follows; HZ2B1-N, HZ2B2-N, HZ36-3-N.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com