Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HZ2
Description  Silicon Planar Zener Diode for Stabilized Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2 Datasheet(HTML) 6 Page - Renesas Technology Corp

  HZ2 Datasheet HTML 1Page - Renesas Technology Corp HZ2 Datasheet HTML 2Page - Renesas Technology Corp HZ2 Datasheet HTML 3Page - Renesas Technology Corp HZ2 Datasheet HTML 4Page - Renesas Technology Corp HZ2 Datasheet HTML 5Page - Renesas Technology Corp HZ2 Datasheet HTML 6Page - Renesas Technology Corp HZ2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HZ-N Series
REJ03G1625-0100 Rev.1.00 Mar 25, 2008
Page 6 of 6
Package Dimensions
L
E
L
Min
Nom
Max
φb
-
0.5
φD
-2.0
E
--
4.2
L
26.0
-
-
-
-
φb
φD
Dimension in Millimeters
Reference
Symbol
SC-40
0.13g
MASS[Typ.]
DO-35 / DO-35V
GRZZ0002ZB-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
DO-35



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com