Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HZ2
Description  Silicon Planar Zener Diode for Stabilized Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HZ2 Datasheet HTML 1Page - Renesas Technology Corp HZ2 Datasheet HTML 2Page - Renesas Technology Corp HZ2 Datasheet HTML 3Page - Renesas Technology Corp HZ2 Datasheet HTML 4Page - Renesas Technology Corp HZ2 Datasheet HTML 5Page - Renesas Technology Corp HZ2 Datasheet HTML 6Page - Renesas Technology Corp HZ2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1625-0100 Rev.1.00 Mar 25, 2008
25
Page 1 of 6
HZ-N Series
Silicon Planar Zener Diode for Stabilized Power Supply
REJ03G1625-0100
Rev.1.00
Mar 25, 2008
Features
• Low leakage, low zener impedance and maximum power dissipation of 500 mW are ideally suited for stabilized
power supply, etc.
• Wide spectrum from 1.9 V through 38 V of zener voltage provide flexible application.
Ordering Information
Part No.
Cathode band
Package Name
Package Code
HZ-N Series
Black
DO-35
GRZZ0002ZB-A
Pin Arrangement
1. Cathode
2. Anode
7
B 2
Cathode band
Part No.
1
2


Similar Part No. - HZ2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
Galaxy Semi-Conductor H...
HZ2 BILIN-HZ2 Datasheet
174Kb / 3P
ZENER DIODES
logo
EIC discrete Semiconduc...
HZ2 EIC-HZ2 Datasheet
35Kb / 2P
ZENER DIODES
HZ2 EIC-HZ2 Datasheet
96Kb / 3P
ZENER DIODES
logo
Hitachi Semiconductor
HZ2.0BP HITACHI-HZ2.0BP Datasheet
46Kb / 8P
Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
More results

Similar Description - HZ2

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZH RENESAS-HZH Datasheet
68Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com