Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZ2
Description  Silicon Planar Zener Diode for Stabilized Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZ2 Datasheet HTML 1Page - Renesas Technology Corp HZ2 Datasheet HTML 2Page - Renesas Technology Corp HZ2 Datasheet HTML 3Page - Renesas Technology Corp HZ2 Datasheet HTML 4Page - Renesas Technology Corp HZ2 Datasheet HTML 5Page - Renesas Technology Corp HZ2 Datasheet HTML 6Page - Renesas Technology Corp HZ2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HZ-N Series
REJ03G1625-0100 Rev.1.00 Mar 25, 2008
Page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
500
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–55 to +175
°C
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V) *
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
B1-N
1.9
2.1
B2-N
2.0
2.2
B3-N
2.1
2.3
C1-N
2.2
2.4
C2-N
2.3
2.5
HZ2
C3-N
2.4
2.6
5
5
0.5
100
5
A1-N
2.5
2.7
A2-N
2.6
2.8
A3-N
2.7
2.9
B1-N
2.8
3.0
B2-N
2.9
3.1
B3-N
3.0
3.2
C1-N
3.1
3.3
C2-N
3.2
3.4
HZ3
C3-N
3.3
3.5
5
5
0.5
100
5
A1-N
3.4
3.6
A2-N
3.5
3.7
A3-N
3.6
3.8
B1-N
3.7
3.9
B2-N
3.8
4.0
B3-N
3.9
4.1
C1-N
4.0
4.2
C2-N
4.1
4.3
HZ4
C3-N
4.2
4.4
5
5
1.0
100
5
A1-N
4.3
4.5
A2-N
4.4
4.6
A3-N
4.5
4.7
B1-N
4.6
4.8
B2-N
4.7
4.9
B3-N
4.8
5.0
5
5
1.5
100
5
C1-N
4.9
5.1
C2-N
5.0
5.2
HZ5
C3-N
5.1
5.3
5
5
1.5
100
5
Note:
1. Tested with DC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com