Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS3201 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLMS3201
Description  Power SMD LED PLCC-4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3201 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLMS3201 Datasheet HTML 1Page - Vishay Siliconix TLMS3201 Datasheet HTML 2Page - Vishay Siliconix TLMS3201 Datasheet HTML 3Page - Vishay Siliconix TLMS3201 Datasheet HTML 4Page - Vishay Siliconix TLMS3201 Datasheet HTML 5Page - Vishay Siliconix TLMS3201 Datasheet HTML 6Page - Vishay Siliconix TLMS3201 Datasheet HTML 7Page - Vishay Siliconix TLMS3201 Datasheet HTML 8Page - Vishay Siliconix TLMS3201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number 83146
Rev. 1.5, 24-Sep-07
www.vishay.com
5
Vishay Semiconductors
TLMK/O/S/Y320.
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 4. Relative Intensity vs. Wavelength
Figure 5. Change of Forward Voltage vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
570
590
610
630
650
670
λ - Wavelength (nm)
16007
red
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
17034
10 mA
30 mA
50 mA
red
Figure 6. Relative Luminous Intensity vs. Amb. Temperature
Figure 7. Change of Dominant Wavelength vs.
Ambient Temperature
Figure 8. Relative Luminous Intensity vs. Forward Current
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
17035
red
- 6
- 4
- 2
0
2
4
6
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
17036
red
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
17037
red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com