Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS3201 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLMS3201
Description  Power SMD LED PLCC-4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3201 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TLMS3201 Datasheet HTML 2Page - Vishay Siliconix TLMS3201 Datasheet HTML 3Page - Vishay Siliconix TLMS3201 Datasheet HTML 4Page - Vishay Siliconix TLMS3201 Datasheet HTML 5Page - Vishay Siliconix TLMS3201 Datasheet HTML 6Page - Vishay Siliconix TLMS3201 Datasheet HTML 7Page - Vishay Siliconix TLMS3201 Datasheet HTML 8Page - Vishay Siliconix TLMS3201 Datasheet HTML 9Page - Vishay Siliconix TLMS3201 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number 83146
Rev. 1.5, 24-Sep-07
Vishay Semiconductors
TLMK/O/S/Y320.
Figure 9. Change of Dominant Wavelength vs. Forward Current
Figure 10. Relative Intensity vs. Wavelength
Figure 11. Forward Current vs. Forward Voltage
- 1.5
- 1.0
- 0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17038
I
F - Forward Current (mA)
red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
600 610 620 630 640 650 660 670 680 690 700
17045
red
λ - Wavelength (nm)
0
10
20
30
40
50
60
70
80
90
100
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
VF - Forward Voltage (V)
17047
red
Figure 12. Change of Forward Voltage vs. Ambient Temperature
Figure 13. Relative Luminous Intensity vs. Amb. Temperature
Figure 14. Change of Dominant Wavelength vs.
Ambient Temperature
T
amb - Ambient Temperature (°C)
17039
30 mA
10 mA
50 mA
red
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 50
- 25
0
25
50
75
100
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
Tamb -Ambient Temperature (°C)
17040
red
- 5
- 4
- 3
- 2
- 1
0
1
2
3
- 50
- 25
0
25
50
75
100
Tamb -Ambient Temperature (°C)
17041
red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com