Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS3201 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMS3201
Description  Power SMD LED PLCC-4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3201 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMS3201 Datasheet HTML 1Page - Vishay Siliconix TLMS3201 Datasheet HTML 2Page - Vishay Siliconix TLMS3201 Datasheet HTML 3Page - Vishay Siliconix TLMS3201 Datasheet HTML 4Page - Vishay Siliconix TLMS3201 Datasheet HTML 5Page - Vishay Siliconix TLMS3201 Datasheet HTML 6Page - Vishay Siliconix TLMS3201 Datasheet HTML 7Page - Vishay Siliconix TLMS3201 Datasheet HTML 8Page - Vishay Siliconix TLMS3201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number 83146
Rev. 1.5, 24-Sep-07
www.vishay.com
3
Vishay Semiconductors
TLMK/O/S/Y320.
Note:
1) T
amb = 25 °C, unless otherwise specified
Note:
1) T
amb = 25 °C, unless otherwise specified
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMO32.., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity
IF = 50 mA
TLMO3200
IV
200
500
mcd
TLMO3201
IV
250
800
mcd
TLMO3202
IV
320
800
mcd
TLMO3203
IV
400
1250
mcd
Luminous flux/Luminous
intensity
φ
V/IV
3mlm/mcd
Dominant wavelength
IF = 50 mA
λ
d
600
605
611
nm
Peak wavelength
IF = 50 mA
λ
p
611
nm
Spectral bandwidth
at 50 % Irel max
IF = 50 mA
Δλ
17
nm
Angle of half intensity
IF = 50 mA
ϕ
± 60
deg
Forward voltage
IF = 50 mA
VF
1.85
2.1
2.55
V
Reverse current
VR = 5 V
VR
0.01
10
µA
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMY32.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity
IF = 50 mA
TLMY3200
IV
200
450
mcd
TLMY3201
IV
250
800
mcd
TLMY3202
IV
320
800
mcd
TLMY3203
IV
400
1250
mcd
Luminous flux/Luminous
intensity
φ
V/IV
3mlm/mcd
Dominant wavelength
IF = 50 mA
λ
d
583
588
594
nm
Peak wavelength
IF = 50 mA
λ
p
590
nm
Spectral bandwidth
at 50 % Irel max
IF = 50 mA
Δλ
18
nm
Angle of half intensity
IF = 50 mA
ϕ
± 60
deg
Forward voltage
IF = 50 mA
VF
1.85
2.1
2.55
V
Reverse current
VR = 5 V
VR
0.01
10
µA
FORWARD VOLTAGE CLASSIFICATION
GROUP
FORWARD VOLTAGE (V)
MIN
MAX
1
1.85
2.25
2
2.15
2.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com