Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS3201 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMS3201
Description  Power SMD LED PLCC-4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3201 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMS3201 Datasheet HTML 1Page - Vishay Siliconix TLMS3201 Datasheet HTML 2Page - Vishay Siliconix TLMS3201 Datasheet HTML 3Page - Vishay Siliconix TLMS3201 Datasheet HTML 4Page - Vishay Siliconix TLMS3201 Datasheet HTML 5Page - Vishay Siliconix TLMS3201 Datasheet HTML 6Page - Vishay Siliconix TLMS3201 Datasheet HTML 7Page - Vishay Siliconix TLMS3201 Datasheet HTML 8Page - Vishay Siliconix TLMS3201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number 83146
Rev. 1.5, 24-Sep-07
Vishay Semiconductors
TLMK/O/S/Y320.
One packing unit/tape contains only one classification group of luminous intensity, color and forward voltage.
Only one single classification groups is not available.
The given groups are not order codes, customer specific group combinations require marketing agreement.
No color subgrouping for Super Red.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (NM)
RED
SOFT ORANGE
YELLOW
MIN
MIN
MAX
MIN
MAX
MAX
1
611
618
598
601
581
584
2
614
622
600
603
583
586
3
602
605
585
588
4
604
607
587
590
5
606
609
589
592
6
608
611
591
594
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (MCD)
MIN
MAX
Xa
160
250
Xb
200
320
Ya
250
400
Yb
320
500
Za
400
630
Zb
500
800
0a
630
1000
0b
800
1250
GROUP NAME ON LABEL
LUMINOUS INTENSITY GROUP
HALFGROUP
WAVELENGTH
FORWARD VOLTAGE
Z
b
2
1
Figure 1. Power Dissipation vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
200
0
25
50
75
100
125
18567
RthJA = 290 K/W
Tamb -Ambient Temperature (°C)
270 K/W
Figure 2. Forward Current vs. Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
18568
T
amb - Ambient Temperature (°C)
R
thJA = 290 K/W
270 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com