Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA9105A
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA9105A Datasheet HTML 8Page - STMicroelectronics TDA9105A Datasheet HTML 9Page - STMicroelectronics TDA9105A Datasheet HTML 10Page - STMicroelectronics TDA9105A Datasheet HTML 11Page - STMicroelectronics TDA9105A Datasheet HTML 12Page - STMicroelectronics TDA9105A Datasheet HTML 13Page - STMicroelectronics TDA9105A Datasheet HTML 14Page - STMicroelectronics TDA9105A Datasheet HTML 15Page - STMicroelectronics TDA9105A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TYPICAL VERTICAL OUTPUT WAVEFORMS
Function
Control
Pin
Output
Pin
Control
Voltage
Specification
Picture Image
Vertical Size
31
30
2V
6V
Vertical
Position
DC
Control
33
32
2V
4V
6V
3.2V
3.5V
3.8V
Vertical
DC
In/Out
35
1
37
40
T his t e rm inal is a Pin
controlling the center position
of geom et r ic cor re c t ion
signals. When connected to
Pin 32, “Autotracking” occurs.
Vertical
S
Linearity
25
30
2V
6V
Vertical
C
Linearity
29
30
2V
6V
2V
4V
V
PP
∆V
∆V
V
PP
=4%
V
PP
∆V
∆V
V
PP
= 1.6%
∆V
V
PP
∆V
V
PP
= 1.6%
TDA9105A
12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com