Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105A Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA9105A
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA9105A Datasheet HTML 9Page - STMicroelectronics TDA9105A Datasheet HTML 10Page - STMicroelectronics TDA9105A Datasheet HTML 11Page - STMicroelectronics TDA9105A Datasheet HTML 12Page - STMicroelectronics TDA9105A Datasheet HTML 13Page - STMicroelectronics TDA9105A Datasheet HTML 14Page - STMicroelectronics TDA9105A Datasheet HTML 15Page - STMicroelectronics TDA9105A Datasheet HTML 16Page - STMicroelectronics TDA9105A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TYPICAL GEOMETRY OUTPUT WAVEFORMS
Function
Control
Pin
Output
Pin
Control
Voltage
Specification
Picture Image
Trapezoid
Control
38
37
V38 =4V
2V
6V
Pin Cushion
Control
39
37
V39 =4V
2V
6V
Parrallelogram
Control
41
40
V42 =4V
2V
6V
Side Pin
Balance
Control
42
40
V41 =4V
2V
6V
Vertical
Dynamic
Focus
1
Corner
23
37
Note :
The specification of Output voltage is indicated on 4VPP vertical sawtooth output condition.The output voltage depends on vertical
sawtooth output voltage.
1.3V
1.3V
0V
1.7V
2.5V
3V
4V
3V
4V
1.45V
1.45V
4V
3V
6V
2.5V
1.7V
TDA9105A
13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com