Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105A Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA9105A
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA9105A Datasheet HTML 15Page - STMicroelectronics TDA9105A Datasheet HTML 16Page - STMicroelectronics TDA9105A Datasheet HTML 17Page - STMicroelectronics TDA9105A Datasheet HTML 18Page - STMicroelectronics TDA9105A Datasheet HTML 19Page - STMicroelectronics TDA9105A Datasheet HTML 20Page - STMicroelectronics TDA9105A Datasheet HTML 21Page - STMicroelectronics TDA9105A Datasheet HTML 22Page - STMicroelectronics TDA9105A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
OPERATING DESCRIPTION (continued)
Geometric Corrections
The principle is represented in Figure 20.
VDCIN
VDCIN
EW Amp
Vertical
Ramp
Keystone
EW
Output
Corner
X2
Vertical
Dynamic
Focus
Output
VDCIN
Sidepin Amp
Key Balance
Side Pin
Balance
Output
X2
Analog
Multiplier
Figure 21 : Geometric Corrections Principle
Starting from the vertical ramp, a parabola shaped
is generatedfor E/W correction, dynamichorizontal
phase control correction, and vertical dynamic Fo-
cus correction.
The core of the parabola generator is an analog
multiplier. The output current of which is equal to :
∆I= k (VRAMP -VDCIN)2.
Where VRAMP is the vertical ramp, typically com-
prised between 2 and 5V, VDCIN is a vertical DC
input adjustable in the range 3.2V
→ 3.8V in order
to generate a dissymmetric parabola if required
(keystone adjustment).
In order to keep good screen geometry for any end
user preferences adjustment we implemented the
possibility to have “geometry tracking”. To enable
the “tracking” function, the VDCOUT must be con-
nected to VDCIN.
It is possible to inhibit VPOS tracking by applying a
fixed DC voltage on the VDCIN Pin.
This DC voltage in that case must be taken from
the vertical reference and adjusted to 3.5V with an
external bridge resistor.
Due to large output stages voltage range (E/W,
BALANCE, FOCUS), the combination of tracking
function with maximum vertical amplitude max. or
min. vertical position and maximumgain on the DC
control inputs may leads to the output stages satu-
ration. This must be avoided by limiting the output
voltage by apropriate DC control voltages.
For E/W part and Dynamic Horizontal phasecontrol
part, a sawtooth shaped differential current in the
followingform is generated:
∆I’ =k’(VRAMP -VDCIN).
Then
∆I and ∆I’ are added together and converted
into voltage.
For E/W part corner purpose, the following current
form is generated and added before voltage con-
version
∆I” = k” (VRAMP -VDCIN)4.
These two parabola are respectively available on
Pin 37 and Pin 40 by the way of an emitter follower
which has to be biased by an external resistor
(10k
Ω). They can be DC coupled with external
circuitry.
EW
VOUT = 2.5V + K1’(VRAMP -VDCIN)
+K1 (VRAMP -VDCIN)
2
+K1“(VRAMP -VDCIN)
4
K1 is adjustable by EW amp control (Pin 39)
K1’ is adjustable by KEYST control (Pin 38)
Dyn. Hor.
Phase Control
VOUT =4V + K2’(VRAMP -VDCIN)
+K2 (VRAMP -VDCIN)
2
K2 is adjustable by SPB amp control (Pin 42)
K2’ is adjustable by KEYBAL control (Pin 41)
For vertical dynamic focus part, only a constant
amplitude parabola is generated in the form :
VOUT = 6V - 0.75 x (VAMP -VDCIN)
2.
The output connection is the same as the two other
corrections (Pins 37-40).
It is important to note that the parasitic parabola
during the discharge of the vertical oscillator ca-
pacitor is suppressed.
TDA9105A
19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com