Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105A Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA9105A
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA9105A Datasheet HTML 14Page - STMicroelectronics TDA9105A Datasheet HTML 15Page - STMicroelectronics TDA9105A Datasheet HTML 16Page - STMicroelectronics TDA9105A Datasheet HTML 17Page - STMicroelectronics TDA9105A Datasheet HTML 18Page - STMicroelectronics TDA9105A Datasheet HTML 19Page - STMicroelectronics TDA9105A Datasheet HTML 20Page - STMicroelectronics TDA9105A Datasheet HTML 21Page - STMicroelectronics TDA9105A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
20
21
H-DRIVE
VCC
20
21
H-DRIVE
VCC
Figure 19 : Output stage simplified diagram,
showing the two possibilities of
connection
OPERATING DESCRIPTION (continued)
Output Section
The H-drive signal is transmitted to the output
through a shaping block ensuring a duty cycle
adjustable from 30% to 50%. In order to ensure a
reliable operation of the scanning power part, the
output is inhibited in the following circumstances :
-VCC too low,
- Xray protection activated,
- During the horizontal flyback,
- Output voluntarily inhibited through Pin 4.
The output stage is composed of a Darlington NPN
bipolar transistor. Both the collector and the emitter
are accessible (see Figure 16).
The output Darlington is in off-statewhen the power
scanning transistor is also in off-state.
The maximum output current is 20mA, and the
correspondingvoltagedrop of theoutput darlington
is 1.1V typically.
It is evident that the power scanning transistor
cannot be directly driven by the integrated circuit.
An interface has to be designed between the circuit
and the power transistor which can be of bipolar or
MOS type.
Outputs inhibition
The application of a voltage lower than 1V (typ.) on
Pin 4 (duty cycle adjust) inhibits the horizontal and
vertical outputs. This is not memorised.
LOGIC
BLOCK
V-fly
Vsync
V sawtooth
retrace time
H-fly
to 2ND PLL
H OUTPUT
INHIBITION
V OUTPUT
INHIBITION
COMPOSITE
BLANKING
S
R
Q
H-Duty cycle
1V
Flyback
0.7V
XRAY
REF
V
CC
V
CC off
XRAY Protection
Inhibition
V
CC
Checking
Figure 20 : Safety Functions Block Diagram
X-RAY PROTECTION : the activation of the X-ray
protectionis obtained by application of a high level
on the X-ray input (>8V). Consequences of X-ray
protection are :
- Inhibition of H drive output,
- Activation of composite blanking output.
The reset of this protection is obtained by VCC
switch off (see Figure 17).
TDA9105A
18/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com