Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109S Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA9109S
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA9109S Datasheet HTML 7Page - STMicroelectronics TDA9109S Datasheet HTML 8Page - STMicroelectronics TDA9109S Datasheet HTML 9Page - STMicroelectronics TDA9109S Datasheet HTML 10Page - STMicroelectronics TDA9109S Datasheet HTML 11Page - STMicroelectronics TDA9109S Datasheet HTML 12Page - STMicroelectronics TDA9109S Datasheet HTML 13Page - STMicroelectronics TDA9109S Datasheet HTML 14Page - STMicroelectronics TDA9109S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
B+ SECTION
Operating Conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FeedRes Minimum Feedback Resistor
Resistor between Pins 15 and 14
5
k
Ω
Electrical Characteristics (VCC = 12V, Tamb = 25
oC)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
OLG
Error Amplifier Open Loop Gain
At low frequency (see Note 16)
85
dB
ICOMP
Sunk Current on Error Amplifier
Output when BOUT is in safety
condition
Pin 14 (see Figure 14)
0.5
mA
UGBW
Unity Gain Bandwidth
(see Note 13)
6
MHz
IRI
Regulation Input Bias Current
Current sourced by Pin 15 (PNP base)
0.2
µA
EAOI
Error Amplifier Output Current
Current sourced by Pin 14
Current sunk by Pin 14
0.5
2
mA
mA
CSG
Current Sense Input Voltage Gain
Pin 16
3
MCEth
Max Current Sense Input Threshold
Voltage
Pin 16
1.2
V
ISI
Current Sense Input Bias Current
Current sourced by Pin 16 (PNP base)
1
µA
Tonmax
Maximum ON Time of the external
power transistor
% of Horizontal period,
f0 = 27kHz (see Note 17)
100
%
B+OSV
B+ Output Saturation Voltage
V28 with I28 = 10mA
0.25
V
IVREF
Internal Reference Voltage
On error amp (+) input for Subaddress 0B
Byte 1000000
4.8
V
VREFADJ
Internal
Reference
Voltage
Adjustment Range
Byte 1111111
Byte 0000000
+20
-20
%
%
tFB+
Fall Time
Pin 28
100
ns
Notes : 13. These parameters are not tested on each unit. They are measured during our internal qualification.
16. These parameters are not tested on each unit. They are measured during our internal qualification procedure which includes
characterization on batches coming from corners of our processes and also temperature characterization.
17. The external power transistor is OFF during about 400ns.
HDF
DC
A
B
VDF
AMP
Figure 1 : Vertical Dynamic Focus Function
DHPC
DC
A
B
SPB
PARA
Figure 3 :
Dynamic Horizontal Phase Control
Output
EW
DC
A
B
EW
PARA
Figure 2 : E/W Output
Keyadj
Figure 4 :
Keystone Effect on E/W Output
(PCC and Corner Inhibited)
TDA9109/S
11/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com