Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109S Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA9109S
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA9109S Datasheet HTML 20Page - STMicroelectronics TDA9109S Datasheet HTML 21Page - STMicroelectronics TDA9109S Datasheet HTML 22Page - STMicroelectronics TDA9109S Datasheet HTML 23Page - STMicroelectronics TDA9109S Datasheet HTML 24Page - STMicroelectronics TDA9109S Datasheet HTML 25Page - STMicroelectronics TDA9109S Datasheet HTML 26Page - STMicroelectronics TDA9109S Datasheet HTML 27Page - STMicroelectronics TDA9109S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
IV - DC/DC CONVERTER PART
OPERATING DESCRIPTION (continued)
This unit controls the switch-mode DC/DC con-
verter. It converts a DC constant voltage into the
B+ voltage (roughly proportional to the horizontal
frequency) necessary for the horizontal scanning.
ThisDC/DC converter must be configured in step-
up mode. It operates very similarly to the well
known UC3842.
IV.1 - Step-up Mode
Operating Description
- The power MOS is switched-on at the middle of
the horizontal flyback.
- The power MOS is switched-off when its current
reaches a predetermined value. For this purpose,
a sense resistor is inserted in its source. The
voltage on this resistor is sent to Pin16 (ISENSE).
- The feedback (coming either from the EHV or
from the flyback) is divided to a voltage close to
4.8V and compared to the internal 4.8V reference
(IVREF). The difference is amplified by an error
amplifier, the output of which controls the power
MOS switch-off current.
Main Features
- Switching synchronized on the horizontal fre-
quency,
- B+ voltage always higher than the DC source,
- Current limited on a pulse-by-pulse basis.
The DC/DC converter is disabled :
- when VCC or VDD are too low,
- when X-Ray protection is latched,
- directly through I
2C bus.
When disabled, BOUT is driven to GND by a 0.5mA
current source. This feature allows to implement
externally a soft start circuit.
16
14
15
V
B+
L
+
C3
C2
1/3
S
S
R
Q
400ns
Inhibit SMPS
28
12V
BOUT
I
SENSE
COMP
REGIN
95dB
A
± I
adjust
DAC
7bits
I2C
TDA9109/S
1M
W
22k
W
1.2V
1.2V
4.8V ±20%
8V
Inhibit
SMPS
Soft
Start
Figure 17 : DC/DC Converter
TDA9109/S
24/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com