Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109S Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA9109S
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA9109S Datasheet HTML 19Page - STMicroelectronics TDA9109S Datasheet HTML 20Page - STMicroelectronics TDA9109S Datasheet HTML 21Page - STMicroelectronics TDA9109S Datasheet HTML 22Page - STMicroelectronics TDA9109S Datasheet HTML 23Page - STMicroelectronics TDA9109S Datasheet HTML 24Page - STMicroelectronics TDA9109S Datasheet HTML 25Page - STMicroelectronics TDA9109S Datasheet HTML 26Page - STMicroelectronics TDA9109S Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
EW Output
EW+ Amp
Keystone
Sidepin Amp
Parallelogram
Dynamic Focus
Sidepin Balance
Output Current
To Horizontal
Phase
V
DCMID (3.5V)
2
Vertical Ramp VOUT
V.Focus
Amp
Parabola
Generator
V
DCMID
(3.5V)
V
DCMID
(3.5V)
23
24
10
Corner
2
Figure 16 : Geometric Corrections Principle
OPERATING DESCRIPTION (continued)
III.6 - E/W
EWOUT = 2.5V + K1 (VOUT - VDCMID)+ K2 (VOUT - VDCMID)
2 + K3 (VOUT - VDCMID)4
K1 is adjustable by the keystone I
2C register,
K2 is adjustable by the E/W amplitude I
2C register,
K3 is adjustable by the corner I
2C register.
III.7 - Dynamic Horizontal Phase Control
IOUT = K4 (VOUT - VDCMID)+ K5 (VOUT - VDCMID)
2
K4 is adjustable by the parallelogram I
2C register,
K5 is adjustable by the side pin balance I
2C register.
TDA9109/S
23/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com