Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62301SP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62301SP
Description  10 to 12-bit 4-ch Integrating A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62301SP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62301SP Datasheet HTML 1Page - Renesas Technology Corp M62301SP Datasheet HTML 2Page - Renesas Technology Corp M62301SP Datasheet HTML 3Page - Renesas Technology Corp M62301SP Datasheet HTML 4Page - Renesas Technology Corp M62301SP Datasheet HTML 5Page - Renesas Technology Corp M62301SP Datasheet HTML 6Page - Renesas Technology Corp M62301SP Datasheet HTML 7Page - Renesas Technology Corp M62301SP Datasheet HTML 8Page - Renesas Technology Corp M62301SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M62301SP/FP
REJ03D0861-0300 Rev.3.00 Mar 25, 2008
Page 4 of 11
Operating Description
(1) Decoder
Based on digital inputs to C0, C1, C2, the analog switch is set to on, and the input of "0" scale (GND input), input of
reference scale (reference voltage input), input to A1-A4, or discharge from integration capacitor (CI) is performed.
None of these operations is performed when the "mode 8" input is given:
Mode
1
2
3
4
5
6
7
8
C0
0
1
0
1
0
1
0
1
C1
0
0
1
1
0
0
1
1
C2
0
0
0
0
1
1
1
1
Discharge
GND
VREF
A1
A2
A3
A4
—
(2) A/D conversion
Decoder selection mode
VIN + 0.49 V
VREF + 0.49 V
0.49 V
0.36 V
V (8)
1
2
1
3
1
4 to 7
1
TIN
TREF
TGND
Multiplexer first selects VGND, obtaining minimum pulse TGND. It then selects VREF, obtaining reference pulse TREF.
Input is selected next, obtaining input pulse TIN. VIN is obtained by deducting TGND, as the offset, from TREF and TIN.
VIN = VREF •
TIN − TG
TREF − TG
By measuring voltage at the maximum input for approximately 500
µs under the counter clock of 8 MHz, resolution
of approximately 12 bits can be obtained;
500
µs
125 ns
≈ 212
Note: To ensure discharge from capacitor CI, the decoder input as in the above diagram should stay in mode 1 at least
for the period calculated above:
It is not necessary to measure TGND, and TREF for each channel.
Tdi = (CI ×
)
VIAmax + 0.49
1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com