Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62301SP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62301SP
Description  10 to 12-bit 4-ch Integrating A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62301SP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62301SP Datasheet HTML 4Page - Renesas Technology Corp M62301SP Datasheet HTML 5Page - Renesas Technology Corp M62301SP Datasheet HTML 6Page - Renesas Technology Corp M62301SP Datasheet HTML 7Page - Renesas Technology Corp M62301SP Datasheet HTML 8Page - Renesas Technology Corp M62301SP Datasheet HTML 9Page - Renesas Technology Corp M62301SP Datasheet HTML 10Page - Renesas Technology Corp M62301SP Datasheet HTML 11Page - Renesas Technology Corp M62301SP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
M62301SP/FP
REJ03D0861-0300 Rev.3.00 Mar 25, 2008
Page 8 of 11
Recommended operational settings according to clock frequency, resolution, and time required for
discharge (decoder mode 1)
Counter
Clock
Resolution
Change Current
Il (µA)
Resistance to Determine
Constant Current Rl (kΩ)
Integration
Capacitance Cl
Discharge
Time Tdi (
µs)
50
24
1400 pF
7.7
10-bit
100
12
2800 pF
15.4
50
24
2800 pF
15.4
11-bit
100
12
5600 pF
30.7
50
24
5600 pF
30.7
8 MHz
12-bit
100
12
12000 pF
65.9
50
24
700 pF
3.9
10-bit
100
12
1400 pF
7.7
50
24
1400 pF
7.7
11-bit
100
12
2800 pF
15.4
50
24
2800 pF
15.4
16 MHz
12-bit
100
12
5600 pF
30.7
Note:
1. Discharge time
The values in this table apply when VIAmax is 5 V.
1 mA
(VIAmax + 0.49)
Tdi = ( CI ×
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com