Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62301SP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62301SP
Description  10 to 12-bit 4-ch Integrating A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62301SP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62301SP Datasheet HTML 1Page - Renesas Technology Corp M62301SP Datasheet HTML 2Page - Renesas Technology Corp M62301SP Datasheet HTML 3Page - Renesas Technology Corp M62301SP Datasheet HTML 4Page - Renesas Technology Corp M62301SP Datasheet HTML 5Page - Renesas Technology Corp M62301SP Datasheet HTML 6Page - Renesas Technology Corp M62301SP Datasheet HTML 7Page - Renesas Technology Corp M62301SP Datasheet HTML 8Page - Renesas Technology Corp M62301SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M62301SP/FP
REJ03D0861-0300 Rev.3.00 Mar 25, 2008
Page 5 of 11
(3) Constant current control
Integrating current II can be obtained based on the reference voltage (1.22 V) by the built-in high-precision
generator and resistance RI.
II =
(A) .................... (1)
1.22
RI
Integration time TI can be calculated as follows;
TI = (VIN + 0.49)
.................. (2)
CI
II
However, parameters such as built-in comparator offset voltage, analog switch offset, voltage leak current and delay
time are not counted.
VREF
RI
CI
II
13
12
8
1.22 V
50 mA
0.8 V
4.45 V
Output
unsettled
TDE
TDE
Reset supply voltage
VRE
RESET output
t
t
When voltage applied to pin VRE becomes less than 4.45 V, the RESET output status becomes "L". If voltage
increases over 4.50 V, the
RESET status becomes "H" within 150 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com