Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62301SP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62301SP
Description  10 to 12-bit 4-ch Integrating A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62301SP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62301SP Datasheet HTML 1Page - Renesas Technology Corp M62301SP Datasheet HTML 2Page - Renesas Technology Corp M62301SP Datasheet HTML 3Page - Renesas Technology Corp M62301SP Datasheet HTML 4Page - Renesas Technology Corp M62301SP Datasheet HTML 5Page - Renesas Technology Corp M62301SP Datasheet HTML 6Page - Renesas Technology Corp M62301SP Datasheet HTML 7Page - Renesas Technology Corp M62301SP Datasheet HTML 8Page - Renesas Technology Corp M62301SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M62301SP/FP
REJ03D0861-0300 Rev.3.00 Mar 25, 2008
Page 3 of 11
Recommended Operating Conditions
(Ta = 25
°C, unless otherwise noted)
Limits
Item
Symbol
Min
Typ
Max
Unit
Analog section supply voltage
VCC
4.5
8.0
12.0
V
Digital section supply voltage
VDD
4.5
5.0
5.5
V
Analog input voltage range (Il = 50 µA)
VIA
0
—
No more than
(VCC – 2.5 V)
and VDD*
1
V
Reference input voltage (Il = 50 µA)
VIR
1
—
No more than
(VCC – 2.5 V)
and VDD*
1
V
Integration capacity
CI
300
—
22000
pF
Resistance to determine charge current
RI
6
—
60
k
Ω
Output current
IO
—
—
4
mA
Note:
1. Maximum analog input voltage is less than the difference between VCC – 2.5 V as well as VDD.
Charging current
II =
VREF
R1
Electrical Characteristics
(VCC = 5.0 V, VDD = 5.0 V, Ta = 25°C, unless otherwise noted)
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply current
ICC
—
1.0
2.0
mA
2.5
Il = 100 µA
Analog input voltage range
VIA
0
—
2.2
V
Il = 200 µA
Reference input voltage
VREF
1.17
1.22
1.27
V
IREF = ±5 µA
CREF = 4700 pF
IREF+
50
Permissible current inflow
at reference voltage
IREF–
—
—
–10
µA
Conversion error
EC
—
0.05
0.1
%/FSR
Rl = 24 kΩ*
1
Linear error
EL
—
0.02
0.09
%/FSR
Rl = 24 kΩ*
2
Conversion time
TT
—
526
—
µs
VIA = 2.5 V, Cl = 0.01 µF
Rl = 24 kΩ
Discharge time
Tdi
—
3
17
µs
V(8) = 3 V → 0.3 V
Cl = 4700 pF
Analog input current
IB
—
–0.35
–3.5
µA
Digital input "H" level
VIH
3.5
—
—
V
Digital input "L" level
VIL
—
—
0.8
V
INT output "L" level
VLINT
—
0.1
0.4
V
IOL = 1 mA
INT output leak current
IOHINT
—
—
1
µA
V(5) = 15 V
Detection voltage
VDET
4.30
4.45
4.60
V
Hysteresis voltage
∆V
DET
30
50
80
mV
Delay time
TDE
75
150
300
µs
Reset output "L" level
VLRE
—
0.1
0.4
V
IOL = 1 mA
Reset output leak current
IOHRE
—
—
1
µA
V(6) = 15 V
Supply current
IRE
—
1.0
2.0
mA
VRE = 5 V
—
0.75
1.0
RL = 2.2 kΩ, VLRE ≤ 0.4 V
Limit operating voltage
VOPL
—
0.6
0.8
V
RL = 100 kΩ, VLRE ≤ 0.4 V
Notes: 1. Conversion error; Deviation from the line that links the "0" scale point (mode 0) and reference scale point
(mode 3. VFSR = 2.5 V). Associated with all channels.
2. Linear error; Deviation from the line that links the 0 V input point and 2.5 V input point on a given channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com