Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9115 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA9115 Datasheet HTML 9Page - STMicroelectronics TDA9115 Datasheet HTML 10Page - STMicroelectronics TDA9115 Datasheet HTML 11Page - STMicroelectronics TDA9115 Datasheet HTML 12Page - STMicroelectronics TDA9115 Datasheet HTML 13Page - STMicroelectronics TDA9115 Datasheet HTML 14Page - STMicroelectronics TDA9115 Datasheet HTML 15Page - STMicroelectronics TDA9115 Datasheet HTML 16Page - STMicroelectronics TDA9115 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TDA9115
13/45
Note 19:
KEYST at medium (neutral) value.
Note 20:
PCC at minimum value.
Note 21:
VPOS at medium (neutral) value.
Note 22:
HSIZE at minimum value.
Note 23: Defined as difference of (voltage at tVR=0) minus (voltage at tVR=1/2 TVR).
Note 24: Defined as difference of (voltage at tVR=TVR) minus (voltage at tVR=1/2 TVR).
Note 25:
VSIZE at maximum value.
Note 26: Difference: (voltage at tVR=0) minus (voltage at tVR=TVR).
Note 27: Ratio ”A/B”of parabola component voltage at tVR=0 versus parabola component voltage at tVR=TVR.
See Figure 2.
Note 28: VHEHT>VRefO, VVEHT>VRefO
Note 29: VEW-AC is the sum of all components other than VEW-DC (contribution of PCC and keystone correction).
Note 30: More precisely tracking with voltage on HPLL1F pin which itself depends on frequency at a rate given by
external components on PLL1 pins. VEW[fmax] is the value at condition VHO>VHOThrfr.
VEW-Key
Keystone correction component
of the EW-drive signal on
EWOut pin
(20)(21)(22)(25)(26)(28)
KEYST (Sad0D):
x0000000b
x1111111b
0.4
-0.4
V
V
Tracking of EW-drive signal with
horizontal frequency(30)
VHO>VHOThrfr
VHO(min)≤VHOVHOThrfr
0
20
%/V
%/V
Breathing compensation on
VEW-AC
(29)
(23)(24)
VHEHT>VRefO
VHEHT(min)≤VHEHTVRefO
0
1.75
%/V
%/V
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
V
EW
V
EW
f
ma x
[]
V
HO
-------------------------------------------------------- -
V
EW
AC
V
EW
AC
V
HE HT
-----------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com