Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9115 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA9115 Datasheet HTML 37Page - STMicroelectronics TDA9115 Datasheet HTML 38Page - STMicroelectronics TDA9115 Datasheet HTML 39Page - STMicroelectronics TDA9115 Datasheet HTML 40Page - STMicroelectronics TDA9115 Datasheet HTML 41Page - STMicroelectronics TDA9115 Datasheet HTML 42Page - STMicroelectronics TDA9115 Datasheet HTML 43Page - STMicroelectronics TDA9115 Datasheet HTML 44Page - STMicroelectronics TDA9115 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
Revision follow-up
PRODUCT PREVIEW
June 2000
version 2.0
Document created (issued from TDA9112)
Work on figures and text; version finalized and displayed on Intranet.
July 2000
version 2.1
Sentence modified in first page : The internal sync processor.;.” replaced by :”the device only requires..;”
Bloc diagram : addition of Hsize under E/W correction
Quick Reference Data: Addition of parrallelogram
Register Map: subaddress 08: 0:No tracking
Few corrections in text.
PRELIMINARY DATA
September 2000
version 3:0
Uniformity in the writing of cross references for notes.
In internal schematics, correction of figure for pin 11.
In bloc diagram: the line between PLL2 and HMoiré controller has been deleted
In Horizontal Moiré Cancellation: 1 sentence changed
VDC AMP replaced by VDC-AMP
In electrical parameters:
∆V
HMoiré becomes ∆VAC-HMoiré
Addition of VDC-HMoiré,.
January 11, 2001
version 3.1
page 6: value for autosync frequency ratio replaced : 4.28 instead of 4.5 previously.
April 19, 2001
version 3.2
page 16
Section 6.9 .Vtrh-XRay: new values 7.65 min, 7.9 typ., 8.2 max.
DATASHEET
July 18, 2001
version 4.0
Section 9.4.1 right column”The higher its value,...” ---> ”The lower its value”
Section 9.5 .”...at the vertical middle...” ---> ”...in the vertical middle...”
Section 6.6 : addition of [fmax] to parameter ”
∆VEW/VEW[fmax].∆VHO” .and changed its
value to 20
Note 28: added: “VEW[fmax] is the value at condition VHO>VHOThrfr”.
Section 6.4 : addition of min and max values for VHPosF and VTopHPLL2C
Section 6.5 addition of min and max values for VVOB + correction of typ. value
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com