Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9115 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA9115 Datasheet HTML 23Page - STMicroelectronics TDA9115 Datasheet HTML 24Page - STMicroelectronics TDA9115 Datasheet HTML 25Page - STMicroelectronics TDA9115 Datasheet HTML 26Page - STMicroelectronics TDA9115 Datasheet HTML 27Page - STMicroelectronics TDA9115 Datasheet HTML 28Page - STMicroelectronics TDA9115 Datasheet HTML 29Page - STMicroelectronics TDA9115 Datasheet HTML 30Page - STMicroelectronics TDA9115 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
TDA9115
27/45
Figure 7. Horizontal timing diagram
Figure 8. HFly input configuration
9.3.6 Output section
The H-drive signal is inhibited (high level) during
flyback pulse, and also when VCC is too low, when
I
2C bus bit HBOutEn is set to 0 (default position).
The PLL2 is followed by a rapid phase shifting
which accepts the signal from H-moiré canceller
(see sub chapter Horizontal moiré cancellation on
page 27)
The output stage consists of a NPN bipolar tran-
sistor, the collector of which is routed to HOut pin
(see Figure 9).
Figure 9. HOut configuration
Non-conductive state of HOT (Horizontal Output
Transistor) must correspond to non-conductive
state of the device output transistor.
9.3.7 Soft-start and soft-stop on H-drive
The soft-start and soft-stop procedure is carried
out at each switch-on or switch-off of the H-drive
signal via HBOutEn I2C bus bit to protect external
power components. By its second function, the ex-
ternal capacitor on pin HPosF is used to time out
this procedure, during which the duty cycle of H-
drive signal starts at its maximum (“tHoff/TH for soft
start/stop” in electrical specifications) and slowly
decreases. This is controlled by voltage on pin
HPosF. See Figure 10 and sub chapter Safety
functions on page 33.
9.3.8 Horizontal moiré cancellation
The horizontal moiré canceller is intended to blur a
potential beat between the horizontal video pixel
period and the CRT pixel width, which causes vis-
ible moiré patterns in the picture.
On pin HMoiré, it generates a square line-synchro-
nized waveform with amplitude adjustable through
HMOIRE I2C bus control.
The behaviour of horizontal moiré is to be opti-
mised for different deflection design configurations
using HMoiré I2C bus bit. This bit is to be kept at 0
for common architecture (B+ and EHT common
regulation) and at 1 for separated architecture (B+
and EHT each regulated separately).
H-flyback
PLL2
H-drive
current
VThrHFly
control
+
-
(on HOut)
tS
tHoff
H-drive
region
H-drive
region
tph(max)
inhibited
tS: HOT storage time
H-Osc
VS(0)
7/8TH
TH
VHOThrHi
max.
med.
min.
VHPosF
H-sync
(polarized)
REF1
tHph
min
max
HPOS
(I
2C)
max.
med.
min.
PLL1 lock
(internal)
VHOThrLo
(VCO)
control
ON
forced high
forced low
OFF
ON
GND
~20k
Ω
HFly 12
~500
Ω
int.
ext.
26
int.
ext.
HOut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com