Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9115 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA9115 Datasheet HTML 25Page - STMicroelectronics TDA9115 Datasheet HTML 26Page - STMicroelectronics TDA9115 Datasheet HTML 27Page - STMicroelectronics TDA9115 Datasheet HTML 28Page - STMicroelectronics TDA9115 Datasheet HTML 29Page - STMicroelectronics TDA9115 Datasheet HTML 30Page - STMicroelectronics TDA9115 Datasheet HTML 31Page - STMicroelectronics TDA9115 Datasheet HTML 32Page - STMicroelectronics TDA9115 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
TDA9115
29/45
charge exponential is replaced by VVOB level,
which, under control of the CONTROLLER, cre-
ates a rapid falling edge and a flat part before be-
ginning of new ramp. Mean value of the waveform
output on pin VOut is adjusted by means of
VPOS
I2C bus control, its amplitude through
VSIZE I2C
bus control. Vertical moiré is superimposed.
The biasing voltage for external DC-coupled verti-
cal power amplifier is to be derived from VRefO
voltage provided on pin RefOut, using a resistor di-
vider, this to ensure the same temperature drift of
mean (DC) levels on both differential inputs and to
compensate for spread of VRefO value (and so
mean output value) between particular devices.
9.4.2 Vertical moiré
To blur the interaction of deflection lines with CRT
mask grid pitch that can generate moiré pattern,
the picture position is to be alternated at frame fre-
quency. For this purpose, a square waveform at
half-frame frequency is superimposed on the out-
put waveform’s DC value. Its amplitude is adjusta-
ble through
VMOIRE I2C bus control,.
Figure 11. Vertical section block diagram
9.5 EW DRIVE SECTION
The goal of the EW drive section is to provide, on
pin EWOut, a waveform which, used by an exter-
nal DC-coupled power stage, serves to compen-
sate for those geometry errors of the picture that
are symmetric versus vertical axis across the mid-
dle of the picture.
The waveform consists of an adjustable DC value,
corresponding to horizontal size, a parabola of 2nd
order for “pin cushion” correction and a linear for
“keystone” correction. All of them are adjustable
via I2C bus, see I2C BUS CONTROL REGISTER
MAP on page 20.
Refer to Figure 12, Figure 13 and to chapter TYP-
ICAL OUTPUT WAVEFORMS. The correction
waveforms have no effect in the vertical middle of
the screen (if the
VPOS control is adjusted to its
medium value). As they are summed, the resulting
waveform tends to reach its maximum span at top
and bottom of the picture. The voltage at the
EWOut is top and bottom limited (see parameter
VEW). According to Figure 13, especially the bot-
tom limitation seems to be critical for maximum
horizontal size (minimum DC). Actually it is not
critical since the parabola component must always
be applied. As all the components of the resulting
correction waveform are generated from the out-
2
Synchro
Polarity
Controller
Discharge
22
Sampling
Sampling
Capacitance
S-correction
CCOR
C-correction
18
23
VVOB
sawtooth
REF
Charge current
Transconductance amplifier
(I
2C)
SCOR (I2C)
20 VAGCCap
discharge
CCOR
VSIZE (I2C)
VMOIRE (I
2C)
VPOS (I
2C)
19
VOscF
VOut
VEHTIn
VCap
VSyn
OSC
Cap.
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com