Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9209 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA9209
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9209 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA9209 Datasheet HTML 9Page - STMicroelectronics TDA9209 Datasheet HTML 10Page - STMicroelectronics TDA9209 Datasheet HTML 11Page - STMicroelectronics TDA9209 Datasheet HTML 12Page - STMicroelectronics TDA9209 Datasheet HTML 13Page - STMicroelectronics TDA9209 Datasheet HTML 14Page - STMicroelectronics TDA9209 Datasheet HTML 15Page - STMicroelectronics TDA9209 Datasheet HTML 16Page - STMicroelectronics TDA9209 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TDA9209
13/22
AC ELECTRICAL CHARACTERISTICS (continued)
Tamb =25°C, VCCA = 5V, VCCP= 8V, Vi = 0.7 VPP,CLOAD = 5 pF, unless otherwise specified
ABL (PIN 2)
VIDEO DETECTION
Symbol
Parameter
Test Condit ions
Min.
Typ.
Max. Units
CUT-OFF OUTPUTS (AC COUPLING MODE) - (Pins 15, 16, 22)
COmax
Maximum Cut-off Output Level
Max. Cut-off (Cut-off = 255 dec)
and Sourced Current = 200
µA
4.7
V
COmin
Minimum Cut-off Output Level
Min. Cut-off (Cut-off = 0 dec)
and Sinked Current = 2mA
0.1
V
COTD
Cut-off Output Voltage Drift
Tj Variation = 100°C
0.5
%
COHIin
Maximum Cut-off Output Voltage
(linear region)
Cut-off =235dec
(Sourced Current = 200
µA)
4.6
V
COLIin
Minimum Cut-off Output Voltage
(linear region)
Cut-off = 10 dec
(Sinked current = 2mA)
0.17
V
COstep
Cut-off Output Step (linear region)
20
mV
FEEDBACK INPUTS (DC WITH FEEDBACK MODE)
VFBmax
VFBmin
Controlled Feedback Input Level
Maximum
Minimum
Max. Cut-off (Cut-off = 255 dec)
Min. Cut-off (Cut-off = 1 dec)
2.5
20
V
mV
VFBstep
Controlled Feedback Input Level Step
10
mV
IFB
input Current on Feedback inputs
V
2.5V
50
µA
≤
GABLmin
GABLmax
ABL Mini Attenuation
ABL Maxi Attenuation
VABL 3.2 V
VABL =1 V
0
15
dB
dB
VABL
ABL Threshold Voltage
For output attenuation
3
V
IABLhigh
IABLlow
High ABL Input Current
Low ABL Input Current
VABL = 3.2V
VABL =1V
0
-2
µA
µA
≥
VTHAV
Comparator Threshold
120
mV
DELAY
Delay between Video Output
and AV output
3pF load on AV out (Pin8)
10
ns
PixAV
Minimum pixel width
Vin = 0.7VPP
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com