Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9209 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA9209
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9209 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA9209 Datasheet HTML 1Page - STMicroelectronics TDA9209 Datasheet HTML 2Page - STMicroelectronics TDA9209 Datasheet HTML 3Page - STMicroelectronics TDA9209 Datasheet HTML 4Page - STMicroelectronics TDA9209 Datasheet HTML 5Page - STMicroelectronics TDA9209 Datasheet HTML 6Page - STMicroelectronics TDA9209 Datasheet HTML 7Page - STMicroelectronics TDA9209 Datasheet HTML 8Page - STMicroelectronics TDA9209 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TDA9209
4/22
Additionally, the IC automatically works with either
positive or negative HSYNC pulses.
– When bit 0 is set to 1, BPCP is synchronized on
the leading edge of the blanking pulse BLK
(Pin 24). One can use a positive or negative
blanking pulse by programming bit 0 in
Register 9 (See I
2C Table 3).
– BPCP width can be adjusted with bit 2 and 3 (see
Register 8, I2C table 2).
– If the application already provides the Back
Porch Clamping Pulse, bit 4 must be set to 1
(providing a direct connection between Pin 23
and internal BPCP).
4.2 Synchro Clipping Function
This function is available on channel 2 (Green
Channel). When using the Sync On Green (SOG)
(Synchro pulse included in the green channel in-
put) the synchro clipping function must be activat-
ed (bit 7 set to 1 in register 9) in order to keep the
right green output levels and avoid unbalanced
colours.
4.3 Blanking Input
The Blanking pin (FBLK) is TTL compatible.
The Blanking pulse can be:
– positive or negative
– line or Composite-type (but not Frame-type).
4.4 Contrast Adjustment (8 bits)
The contrast adjustment is made by controlling si-
multaneously the gain of the three internal amplifi-
ers through the I2C bus interface. Register 1 al-
lows the adjustment in a range of 48 dB.
Figure 1.
4.5 ABL Control
The TDA9209 includes an ABL (automatic beam
limitation) input to attenuate the RGB Video sig-
nals depending on the beam intensity.
The operating range is 2 V (from 3 V to 1 V). A typ-
ical 15 dB maximum attenuation is applied to the
output signal whatever the contrast adjustment is.
(See Figure 2 ).
When the ABL feature is not used, the ABL input
(Pin 2) must be connected to a 5 V supply voltage.
R8b0=0 and R8b1=0
HSYNC/BPCP (Pin23)
Internal BPCP
R8b0=0 and R8b1=1
HSYNC/BPCP (Pin23)
Internal BPCP
R8b0=1
BLK (Pin24)
Internal BPCP
R8b4 =1
HSYNC/BPCP (Pin23)
Internal BPCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com