Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9209 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA9209
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9209 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA9209 Datasheet HTML 10Page - STMicroelectronics TDA9209 Datasheet HTML 11Page - STMicroelectronics TDA9209 Datasheet HTML 12Page - STMicroelectronics TDA9209 Datasheet HTML 13Page - STMicroelectronics TDA9209 Datasheet HTML 14Page - STMicroelectronics TDA9209 Datasheet HTML 15Page - STMicroelectronics TDA9209 Datasheet HTML 16Page - STMicroelectronics TDA9209 Datasheet HTML 17Page - STMicroelectronics TDA9209 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TDA9209
14/22
9- I2C ELECTRICAL CHARACTERISTICS
T
amb =25°C, V
CCA = 5V, unless otherwise specified
10 - I2C INTERFACE TIMING REQUIREMENTS
(see Figure 11)
Figure 11. I2C Timing Diagram
Symbol
Parameter
Test Conditi ons
Min.
Typ.
Max.
Units
VIL
Low Level Input Voltage
On Pins SDA, SCL
1.5
V
VIH
High Level Input Voltage
3
V
IIN
Input Current (Pins SDA, SCL)
0.4 V
< V
IN < 4.5 V
-10
+
10
µA
fSCL(Max.)
SCL Maximum Clock Frequency
200
0.25
kHz
VOL
Low Level Output Voltage
SDA Pin
when ACK Sink Current = 6mA
0.6
V
Symbol
Parameter
Min.
Typ.
Max. Units
tBUF
Time the bus must be free between two accesses
1300
ns
tHDS
Hold Time for Start Condition
600
ns
tSUP
Set-up Time for Stop Condition
600
ns
tLOW
The Low Period of Clock
1300
ns
tHIGH
The High Period of Clock
600
ns
tHDAT
Hold Time Data
300
ns
tSUDAT
Set-up Time Data
250
ns
tR,tF
Rise and Fall Time of both SDA and SCL
20
300
ns
t
HDAT
t
SUDAT
t
LOW
t
HIGH
t
HDS
t
SUP
t
BUF
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com