Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9209 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA9209
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9209 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA9209 Datasheet HTML 14Page - STMicroelectronics TDA9209 Datasheet HTML 15Page - STMicroelectronics TDA9209 Datasheet HTML 16Page - STMicroelectronics TDA9209 Datasheet HTML 17Page - STMicroelectronics TDA9209 Datasheet HTML 18Page - STMicroelectronics TDA9209 Datasheet HTML 19Page - STMicroelectronics TDA9209 Datasheet HTML 20Page - STMicroelectronics TDA9209 Datasheet HTML 21Page - STMicroelectronics TDA9209 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TDA9209
21/22
PACKAGE MECHANICAL DATA
24 Pins — Plastic Dip (Shrink))
Dimensions
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.08
0.20
A1
0.51
0.020
A2
3.05
3.30
4.57
0.120
0.130
0.180
B
0.36
0.46
0.56
0.0142
0.0181
0.0220
B1
0.76
1.02
1.14
0.030
0.040
0.045
C
0.23
0.25
0.38
0.0090
0.0098
0.0150
D
22.61
22.86
23.11
0.890
0.90
0.910
E
7.62
8.64
0.30
0.340
E1
6.10
6.40
6.86
0.240
0.252
0.270
e
1.778
0.070
e1
7.62
0.30
e2
10.92
0.430
e3
1.52
0.060
Stand-off
Be
B1
D
13
12
24
1
e1
c
E1
E
e2
Gage Plane
.015
0,38
e2
e3
E
SDIP24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com