Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7063FP Datasheet(PDF) 8 Page - STMicroelectronics

Part # TEA7063FP
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063FP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TEA7063FP Datasheet HTML 4Page - STMicroelectronics TEA7063FP Datasheet HTML 5Page - STMicroelectronics TEA7063FP Datasheet HTML 6Page - STMicroelectronics TEA7063FP Datasheet HTML 7Page - STMicroelectronics TEA7063FP Datasheet HTML 8Page - STMicroelectronics TEA7063FP Datasheet HTML 9Page - STMicroelectronics TEA7063FP Datasheet HTML 10Page - STMicroelectronics TEA7063FP Datasheet HTML 11Page - STMicroelectronics TEA7063FP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3. RECEIVE CHAIN
3.1 A.G.C. In Receive
As described for the transmission chain, also the
receiving gains Gr, from pins 1 and 2 to pin 20,
have a reduction of 6dB when Iline moves from
ILL to ILS (see also paragr. 4).
3.2 Sidetone Compensation
The circuit is provided with a double anti-sidetone
network to optimize both at long and short lines.
In case double antisidetone network is not re-
quested by the application needs, pins 1 and 2
can be connected to each other and 5 external
passive components can be saved (ZALL and
ZRL).
Before entering pins 1 and 2, the received signal
is areduced by the two attenating networks:
- ZALL/ZRL to pin 1 for long lines sidetone com-
pensation,
- ZALS/ZRS to pin 2 for short lines sidetone com-
pensation.
ZRL and ZRS define the total receive gains:
a)
V20
V16
= Gr •
ZRL
ZRL
+ ZALL
for
long lines
b)
V20
V16
=( Gr − 6dB ) •
ZRS
ZRS
+ ZALS
for short lines
ZALL and ZALS define the sidetone compensa-
tion of the circuit.
The equivalent balancing impedance is given by
the formula:
ZAL = K
• ZALS + (1 - K) • ZALL
where:
-K = 0 at ILINE = ILL or lower (long line)
-K varies linearly from 0 to 1 with Iline between
ILL and ILS
-K = 1 at ILINE = ILS or higher (short line)..
Calculations to define ZALL and ZALS are:
a)
ZALL = 70
• R5 •
Zline
( long ) ⁄⁄ Zext ⁄⁄ Zint ⁄⁄ Zout
Zout
b)
ZALL = 70
• R5 •
Zline ( short ) ⁄⁄ Zext ⁄⁄ Zint ⁄⁄ Zout
Zout
where:
-Zext = R6//C4//(Zelectret) (at pin 13)
-Zint =10K
Ω//8.5nF (internal impedance)
-Zout = 10.65
• Z4 (at pin 3; see paragr. 2.2)
- Zline (short) and (long) are the impedances of
the line at minimum and naximum line lenght
- R5 = 5.1K
Ω ±1% (typically)
3.3 AC Impedance
The total AC impedance of the circuit to the line
is:
ZAC = Zout//Zint//Zext (ZALS, ZALL >>ZAC)
3.4 Receive Mute (and confidence level)
When the receive channel is muted (Vpin 14 >
2.7V) the receive gain is reduced of 60dB minimum.
Figure 6
TEA7063
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com