Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7063FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA7063FP
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063FP Datasheet(HTML) 2 Page - STMicroelectronics

  TEA7063FP Datasheet HTML 1Page - STMicroelectronics TEA7063FP Datasheet HTML 2Page - STMicroelectronics TEA7063FP Datasheet HTML 3Page - STMicroelectronics TEA7063FP Datasheet HTML 4Page - STMicroelectronics TEA7063FP Datasheet HTML 5Page - STMicroelectronics TEA7063FP Datasheet HTML 6Page - STMicroelectronics TEA7063FP Datasheet HTML 7Page - STMicroelectronics TEA7063FP Datasheet HTML 8Page - STMicroelectronics TEA7063FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LONG LINE SIDETONE
SHORT LINE SIDETONE
IMPEDANCE
BUFFER OUTPUT
V-REF
MICROPHONE INPUT
DTMF INPUT
I-REF
I START
1
3
2
4
5
6
7
8
9
CURRENT SUPPLY FOR L.S. AMP
GND
MIC/MIC-EARPHONE MUTE
V-LINE
I SLOPE
V-CAPA
NOISE FILTER
MICROCONTROLLER POWER SUPPLY
EARPHONE
20
19
18
17
16
14
15
13
12
D93TL021
SQUEEZING THRESHOLD
10
SOFT-CLIPPING FILTER
11
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Max. Current DC (steady)
150
mA
Max. Voltage AC (steady)
7.5
V
Max. Voltage AC + DC (steady)
9
V
Max. Current (20ms) ONE SHOT
1
A
Max. Voltage (20ms) ONE SHOT current < 1A
12
V
Ptot
Total Power Dissipation
1
W
TJ
Junction Temperature
130
°C
MAXIMUM OPERATING CONDITION
Symbol
Parameter
Value
Unit
VDC
DC Voltage
7
V
VAC
AC Voltage
2.2
Vp
IDC
DC Current
110
mA
TOP
Temperature Range
-20 to 70
°C
TEA7063
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com