Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7063FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # TEA7063FP
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063FP Datasheet(HTML) 5 Page - STMicroelectronics

  TEA7063FP Datasheet HTML 1Page - STMicroelectronics TEA7063FP Datasheet HTML 2Page - STMicroelectronics TEA7063FP Datasheet HTML 3Page - STMicroelectronics TEA7063FP Datasheet HTML 4Page - STMicroelectronics TEA7063FP Datasheet HTML 5Page - STMicroelectronics TEA7063FP Datasheet HTML 6Page - STMicroelectronics TEA7063FP Datasheet HTML 7Page - STMicroelectronics TEA7063FP Datasheet HTML 8Page - STMicroelectronics TEA7063FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CIRCUIT DESCRIPTION
1. DC CHARACTERISTICS
1.1 VC (pin 17)
The stabilized voltage VC is connected to Vline
(pin 16) through an internal shunt regulator T1,
T2, which presents to the line a high AC imped-
ance at frequecncies higher than 200Hz. At this
purpose the value of C1 (at pin 17) must be not
lower than 47
µF (suggested value is 100µF).
The shunt regulator, T1 and T2, also controls the
extra current source, or power management, at
pin 12 (see also paragraph 6).
1.2 VLINE (pin 16)
The line voltage (pin 16) is determined by the
value of the external resistor R6 and by the inter-
nal current, Iint, flowing between VC (pin 17) and
Ground (see also paragr.: 1.1):
VLINE =VC +R 6 x Iint
VC is fixed by design at about 2.5V.
Iint is reversely related to R9:
Iint = 8 Volt/R9 + 60
µAat IL > 25mA
Iint = 4 Volt/R9 + 60
µAat IL = 6mA
where IL depends on ILB (see supply manage-
ment)
VLINE must be externally adjusted (with R6) to
guarantee both DC and AC characteristic in ac-
cordance to the specific standard of the different
adminastrations.
Another adjustment of the DC characteristic is
possible with R9. Increasing the value of R9
causes a decrease of Iint and consequently a re-
duction of the product Iint x R9. (see also Para-
graph 7)
Figure 2
Figure 1
TEA7063
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com