Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7063FP Datasheet(PDF) 9 Page - STMicroelectronics

Part # TEA7063FP
Description  SPEECH CIRCUIT WITH POWER MANAGEMENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063FP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TEA7063FP Datasheet HTML 5Page - STMicroelectronics TEA7063FP Datasheet HTML 6Page - STMicroelectronics TEA7063FP Datasheet HTML 7Page - STMicroelectronics TEA7063FP Datasheet HTML 8Page - STMicroelectronics TEA7063FP Datasheet HTML 9Page - STMicroelectronics TEA7063FP Datasheet HTML 10Page - STMicroelectronics TEA7063FP Datasheet HTML 11Page - STMicroelectronics TEA7063FP Datasheet HTML 12Page - STMicroelectronics TEA7063FP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
In this condition an internal connection is acti-
vated from line DTMF output (pin 16) to Receive
Output (pin 20) with an attenuation GRS = 38.5dB
to provide acoustic feedback of the DTMF emis-
sion.
4. A.G.C AND SIDETONE PROGRAMMING
4.1 Programmable Controls
AGC and sidetone attack and disonnect points (or
currents) are programmable externally through
two independents pins, I-start (pin 9) and I-slope
(pin 15).
4.2 I-Start (pin 9)
An external resistor RLL connected between I-
start (pin 9) and Microprocessor Supply (pin 19)
controls the attack point of AGC and ZAL (an-
tisidetone Z).
ILL is the line current at which the control starts.
Formulas for ILL and RLL with R9 = 100K are:
ILL =
2880
RLL
+ 11mA
RLL =
2880
( ILL − 11mA
)
4.3 I-Slope (pin 15)
An external resistor RLS connected between
I-slope (pin 15) and Microprocessor Supply (pin
19) controls the disconnected point of AGC and
ZAS (antisidetone Z). ILS is the line current at
which the control stops. Formulas for ILS and
RLS with R9 = 100K are:
ILS =
4680
RLS
+ ILL;
RLS =
4680
( ILS − ILL
)
4.4 A.G.C. OFF (pin 9 and 15)
Programming ILL and ILS respectively higher
than 70mA and 450mA is forcing the IC in AGC
OFF Condition.
Suggested external components are:
RLL = 51K
Ω and RLS = 10KΩ
In this case sending, receiving gain and sidetone
compensation are independent of the line lenght.
Pins 1 and 2 can be connected to each other sav-
ing 5 passive external components at pin 2.
4.5 Secret Function for Private (pin 14)
The two separate thresholds for sending and Re-
ceiving Mute (pin 14) allow ”Secret Function”
(only microphone muted).
Pin 14 can be set:
a) between 0.25V and 0.8V for speech mode,
b) between 1.6V and 2.1V for ”secret” mode (mi-
crophone muted),
c) between 2.7V and 3.3V for ”all muted” mode
Figure 7
TEA7063
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com