Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7089AFP Datasheet(PDF) 7 Page - STMicroelectronics

Part # TEA7089AFP
Description  LOW-RANGE PHONE DEDICATED CHIP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7089AFP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TEA7089AFP Datasheet HTML 3Page - STMicroelectronics TEA7089AFP Datasheet HTML 4Page - STMicroelectronics TEA7089AFP Datasheet HTML 5Page - STMicroelectronics TEA7089AFP Datasheet HTML 6Page - STMicroelectronics TEA7089AFP Datasheet HTML 7Page - STMicroelectronics TEA7089AFP Datasheet HTML 8Page - STMicroelectronics TEA7089AFP Datasheet HTML 9Page - STMicroelectronics TEA7089AFP Datasheet HTML 10Page - STMicroelectronics TEA7089AFP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ELECTRICAL SPECIFICATIONS (continued)
DTMF Generator (Tamb =25
°C; RL = 660Ω)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Amf
Tone Frequency Accuracy
Test 6 Pin Osc
fclock = 1.79MHz oscillator off
or
Resonator : 3.58MHz oscillator on
C13 =100nF, IL = 22mA
- 0.4
0.4
%
Llf
Lhf
Low Freq. Group Line Level
High Freq. Group Line Level
-10
-8
-8.5
-6.5
-7
-5
dBm
dBm
Pmf
Preemphasis HF/LF
+1
+2
+3
dB
tDON
tDOFF
Rise Time
Decay Time
5
5
ms
ms
Cmf
DTMF Confidence Tone :
Earphone level (low freq.)
Earphone level (high freq.)
13
17
17
22
21
27
mV
mV
–
- Unwanted Harmonics Level
(see Figure 6)
––––
100
1k
10k
100k
1M
-90
-70
-50
-30
(Hz)
Figure 6 : Unwanted Harmonics Level in DTMF
V
REF I
I
S tart-u p
I
S pe ech
V
L
I (In Ring)
18
V
RING
26
V
RMC (3 .4 V)
13
C15
10 F
P
+LCD
C10
47 F
5.6 V
V
MC
Ba tte ry
kIL
Figure 7 : Microcontroller Interface
TEA7089A
7/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com