Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7089AFP Datasheet(PDF) 11 Page - STMicroelectronics

Part # TEA7089AFP
Description  LOW-RANGE PHONE DEDICATED CHIP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7089AFP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TEA7089AFP Datasheet HTML 7Page - STMicroelectronics TEA7089AFP Datasheet HTML 8Page - STMicroelectronics TEA7089AFP Datasheet HTML 9Page - STMicroelectronics TEA7089AFP Datasheet HTML 10Page - STMicroelectronics TEA7089AFP Datasheet HTML 11Page - STMicroelectronics TEA7089AFP Datasheet HTML 12Page - STMicroelectronics TEA7089AFP Datasheet HTML 13Page - STMicroelectronics TEA7089AFP Datasheet HTML 14Page - STMicroelectronics TEA7089AFP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Codes
Keyboard
Remarks
a5
a4
a3
a2
a1
a0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
”2”
”1”
”A”
”3”
”8”
”7”
”C”
”9”
”5”
”4”
”B”
”6”
”0”
”*”
”D”
”#”
1336Hz + 697Hz
1209Hz + 697Hz
1633Hz + 697Hz
1477Hz + 697Hz
1336Hz + 852Hz
1209Hz + 852Hz
1633Hz + 852Hz
1477Hz + 852Hz
1336Hz + 770Hz
1209Hz + 770Hz
1633Hz + 770Hz
1477Hz + 770Hz
1336Hz + 941Hz
1209Hz + 941Hz
1633Hz + 941Hz
1477Hz + 941Hz
In DTMF
Dialing
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
822Hz Ring Signal
744Hz Ring Signal
1005Hz Ring Signal
909Hz Ring Signal
1187Hz Ring Signal
1074Hz Ring Signal
1451Hz Ring Signal
1312Hz Ring Signal
In Ring
Mode
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
0
0
0
1
1
0
1
0
1
Speech Mode
Dialing Mode or Ring Start
Earphone & Microphone Mute
Microphone Mute
01010
1
Mask/No Mask
01011
0
”+6dB”
Normal/+6dB on Receive Channel
01011
1
Reset Pin Control
11101
0
Initialization Code
01010
0
AGC / No AGC
10100
0
1.79MHz Ext Clock & Oscillator Stand by /
3.58MHz Ceramic (toggle)
01110
0
Minimum Ring Level (level 1)
01110
1
Intermediate Low Ring Level (level 2)
01111
0
Intermediate High Ring Level (level 3)
01111
1
Maximum Ring Level (level 4)
MICROCONTROLLER INTERFACE WITH TEA7089A (continued)
TEA7089A
11/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com