Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7089AFP Datasheet(PDF) 9 Page - STMicroelectronics

Part # TEA7089AFP
Description  LOW-RANGE PHONE DEDICATED CHIP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7089AFP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TEA7089AFP Datasheet HTML 5Page - STMicroelectronics TEA7089AFP Datasheet HTML 6Page - STMicroelectronics TEA7089AFP Datasheet HTML 7Page - STMicroelectronics TEA7089AFP Datasheet HTML 8Page - STMicroelectronics TEA7089AFP Datasheet HTML 9Page - STMicroelectronics TEA7089AFP Datasheet HTML 10Page - STMicroelectronics TEA7089AFP Datasheet HTML 11Page - STMicroelectronics TEA7089AFP Datasheet HTML 12Page - STMicroelectronics TEA7089AFP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
I
L
V
MC
5
2.7
V
RMC
3.4
2.6
PON
RES E T
t
t
t
t
t
AA
BC
D
D
E
Wit hout us in g the RES E T Code th rough the S e ria l Bu s Inte rfa c e
Us in g t he RES ET Cod e through the S e ria l Bus Inte rfa c e
I
L
V
MC
5
2.7
V
RMC
3.4
2.6
PON
RES E T
AB
C
D
D
ED
FA
t
t
t
t
t
td
td
A: ON-HOOK
B : S TART UP + S P EE CH
C : P ULSE DIALING
D : SP E ECH or DTMF
E : LINE BRE AK E XCHANGE DURATION
F : LINE BREAK EXCHANGE DURATION > t
d
t
d : DELAY FIXED BY THE MICR OC ONTR O LLER
2.5V
2.5V
Re s e t control c ode (010111)
s e nt on the s e ria l bus
Figure 8 : Reset and Power ON
MICROCONTROLLER INTERFACE WITH TEA7089A (continued)
TEA7089A
9/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com