Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7089AFP Datasheet(PDF) 16 Page - STMicroelectronics

Part # TEA7089AFP
Description  LOW-RANGE PHONE DEDICATED CHIP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7089AFP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TEA7089AFP Datasheet HTML 9Page - STMicroelectronics TEA7089AFP Datasheet HTML 10Page - STMicroelectronics TEA7089AFP Datasheet HTML 11Page - STMicroelectronics TEA7089AFP Datasheet HTML 12Page - STMicroelectronics TEA7089AFP Datasheet HTML 13Page - STMicroelectronics TEA7089AFP Datasheet HTML 14Page - STMicroelectronics TEA7089AFP Datasheet HTML 15Page - STMicroelectronics TEA7089AFP Datasheet HTML 16Page - STMicroelectronics TEA7089AFP Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
123 S
456 M
789L
*0 # R
7
GTR
1
23
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
C30
47nF
V
CC
IVLS
MIC1
MIC2
EAR-
EAR+
GREC
C22 47nF
R17
15k
Ω
R8 1.3k
Ω
V
REF
C16
10
µF
D3
24V
47
Ω
Buzzer
C10
470
µF
V
RING
BUZ
V
MC
V
REF
DTMF
SOFT
AGC
C14
47nF
C13 100nF
R4 560k
Ω
C3 100nF
V
CC
TEA7089A
R25
V
REF
C8
47
µF
R10
620
Ω
D2 13V
C11
1
µF
R12 82k
Ω
R11 33
Ω
C2
4.7nF
R13 300
Ω
C12
100nF
R6
Sidetone
V
CC
R21
2k
Ω
C21 47nF
R14 10k
Ω
C17
2.2nF
C26 1
µF
C5
R5
Impedance
R15 1k
Ω
C15 4.7
µF
R28 22k
Ω
R27
5.6
Ω
Q1 BSS92
D11 6.2V
3.58MHz
X2
R29
22k
Ω
R2
330k
Ω
Q3
BF393
D5 BAT42
C18
30pF
X1
C19
30pF
MCU
D7
D6
D8
D9
4 x 1N4004
B
SW1B
SW1A
R40 1k
Ω
C1
820nF
A
TYPICAL APPLICATION
TEA7089A
16/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com