Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TAS
Description  Conformal, Single-In-Line Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TAS Datasheet(HTML) 2 Page - Vishay Siliconix

  TAS Datasheet HTML 1Page - Vishay Siliconix TAS Datasheet HTML 2Page - Vishay Siliconix TAS Datasheet HTML 3Page - Vishay Siliconix TAS Datasheet HTML 4Page - Vishay Siliconix TAS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAS (CNS)
Conformal, Single-In-Line Resistor Networks
Vishay Sfernice
Document Number: 60040
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 15-Nov-07
89
FOUR EQUAL RESISTORS, ONE COMMON
RATIO DIVIDER 10:1
RATIO DIVIDER 10:1, 100:1
RATIO DIVIDER 100:1
FOUR EQUAL RESISTORS
DIVIDER NETWORK 10:1
DIVIDER NETWORK 10:1
Actual size
5
4
3
2
1
R
1 = R2 = R3 = R4
R
1
R
2
R
3
R
4
ORDERING INFORMATION
R1 = 10 kΩ
TAS 366
100 k
Ω
TAS 367
Actual size
R
1 + R2 = 10 kΩ, 100 kΩ, 1 MΩ
= 10
3
2
1
R
1
R
2
R
1 + R2
R
2
ORDERING INFORMATION
R1 + R2 =9 kΩ + 1 kΩ = 10 kΩ
TAS 280
90 k
Ω + 10 kΩ = 100 kΩ
TAS 193
900 k
Ω + 100 kΩ = 1 MΩ
TAS 281
Actual size
R
1 + R2 + R3 = 10 kΩ, 100 kΩ
R
1
1
2
R
2
34
R
3
= 10
R
1 + R2 + R3
R
2 + R3
= 100
R
1 + R2 + R3
R
3
ORDERING INFORMATION
R1 + R2 + R3 = 100 kΩ
TAS 330
with R1
= 90 k
Ω
R2
= 9 k
Ω
R3
= 1 k
Ω
Actual size
R
1 + R2 = 10 MΩ
9
2
1
R
1
R
2
= 100
R
1 + R2
R
1
ORDERING INFORMATION
R1 + R2 = 10 MΩ
TAS 112
Actual size
R
1 = R2 = R3 = R4 = R5 = R6 = R7 = R8
R
1
R
4
9
2
14
36
5
8
7
R
2
R
6
R
3
R
7
R
5
R
8
ORDERING INFORMATION
R1 = 10 kΩ
TAS 368
100 k
Ω
TAS 369
Actual size
= 10
=
R
1
R
2
R
3
R
4
R
1
R
2
R
3
R
4
123
4
5
6
ORDERING INFORMATION
R1 = 10 kΩ
TAS 220
Actual size
3
2
1
R
1
R
2
= 10
R
1
R
2
ORDERING INFORMATION
R1 = 100 kΩ
TAS 282
1 M
Ω
TAS 283



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com