Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TAS
Description  Conformal, Single-In-Line Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TAS Datasheet(HTML) 4 Page - Vishay Siliconix

  TAS Datasheet HTML 1Page - Vishay Siliconix TAS Datasheet HTML 2Page - Vishay Siliconix TAS Datasheet HTML 3Page - Vishay Siliconix TAS Datasheet HTML 4Page - Vishay Siliconix TAS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAS (CNS)
Conformal, Single-In-Line Resistor Networks
Vishay Sfernice
Document Number: 60040
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 15-Nov-07
91
DIMENSIONS
Marking: The pin 1, series and model, Vishay
trademark, manufacturing date (year, week)
H
A
D
L
E
F
C
Part Number
Pin #1
VISHAY
Logo
Date Code
DIMENSION
INCHES
MILLIMETERS
A
0.124
3.17 minimum
C
0.100
2.54
D
0.020
0.51
H
0.260
6.62 maximum
E
0.100
2.54 maximum
F
0.010
0.25
PIN
COUNT
345
6789
10
L max.
Inches
0.320 0.420 0.520 0.620 0.720 0.820 0.920 1.020
Millimeters 8.14 10.68 13.23 15.78 18.32 20.87 23.40 25.95
MECHANICAL SPECIFICATIONS
Resistive element
Passivated Nichrome
Substrate material
Alumina
Body
Epoxy-conformal coating
Terminals
Tin/silver on Cu alloy
Marking resistance to solvents
Laser marking
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TAS214BW (preferred part number format)
GLOBAL MODEL
REFERENCE
ABS. TOLERANCE
RATIO TOLERANCE
TAS
(see list)
B = 0.1 %
W = 0.05 %
P = 0.02 %
Custom Network: CNS 1128
CNS
1128
GLOBAL MODEL
REFERENCE
Historical Part Number example: TAS 214 50K 0.1 % 0.05 % e2 (will continue to be accepted)
TAS
214
50K
0.1 %
0.05 %
e2
HISTORICAL
MODEL
REFERENCE
OHMIC VALUE
ABS. TOLERANCE
RATIO
TOLERANCE
RoHS
TA
S
2
1
4B
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com