Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TAS
Description  Conformal, Single-In-Line Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TAS Datasheet(HTML) 3 Page - Vishay Siliconix

  TAS Datasheet HTML 1Page - Vishay Siliconix TAS Datasheet HTML 2Page - Vishay Siliconix TAS Datasheet HTML 3Page - Vishay Siliconix TAS Datasheet HTML 4Page - Vishay Siliconix TAS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAS (CNS)
Vishay Sfernice
Conformal, Single-In-Line Resistor Networks
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60040
90
Revision: 15-Nov-07
EIGHT RESISTOR NETWORKS
DIVIDER NETWORK 10:1
DIVIDER NETWORK 1:1
Actual size
10 k
Ω
1 k
Ω
9 k
Ω
1 k
Ω
1 k
Ω
9 k
Ω
9
2
1
4
36
5
8
7
ORDERING INFORMATION
TAS 272
Actual size
= 10
—
R
2
R
1
R
1
R
2
R
3
R
4
123
4
5
6
ORDERING INFORMATION
R1 = 10 kΩ
TAS 328
100 k
Ω
TAS 284
1 M
Ω
TAS 285
Actual size
R
1 = R2
R
1
R
2
R
3
R
4
123
4
5
6
ORDERING INFORMATION
R1 = 5 kΩ
TAS 225
10 k
Ω
TAS 286
100 k
Ω
TAS 219
1 M
Ω
TAS 287
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
PASSIVATED NICHROME
TCR:
Tracking
< 2 ppm/°C
Absolute
± 15 ppm/°C
± 10 ppm/°C
- 40 °C to + 125 °C
0 °C to + 70 °C
Tolerance:
Ratio
± 0.05 % (± 0.02 or ± 0.01 % on request)
Absolute
± 0.1 %
Power rating:
Resistor
100 mW
at + 70 °C
Package
Varies with size
Stability (
ΔR ratio)
0.005 %
2000 h at + 70 °C at Pn
Voltage coefficient
< 0.002 ppm/V
Working voltage
100 V
Operating temperature range
- 40 °C to + 125 °C
Storage temperature range
- 55 °C to + 125 °C
Noise
- 35 dB typical
Thermal EMF
0.1 µV/°C
Shelf life stability
50 ppm maximum
1 year



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com