Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TAS
Description  Conformal, Single-In-Line Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TAS Datasheet(HTML) 1 Page - Vishay Siliconix

  TAS Datasheet HTML 1Page - Vishay Siliconix TAS Datasheet HTML 2Page - Vishay Siliconix TAS Datasheet HTML 3Page - Vishay Siliconix TAS Datasheet HTML 4Page - Vishay Siliconix TAS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Conformal, Single-In-Line Resistor Networks
TAS (CNS)
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60040
88
Revision: 15-Nov-07
These networks are designed to be used in analog circuits
in conjunction with operational amplifiers. In addition to the
standard models, Vishay also offers semi-custom or custom
networks.
FEATURES
• Standard design - no NRE
• Low TCR (10 ppm/°C)
• Excellent TCR tracking (< 2 ppm/°C)
• Low noise (< - 35 dB)
• High stability (0.005 % on ratio, after 2000 h at Pn
at + 70 °C)
TYPICAL PERFORMANCE
SCHEMATIC
TWO EQUAL RESISTORS
TWO EQUAL RESISTORS
FOUR EQUAL RESISTORS
Actual Size
ABS
TRACKING
TCR
10 ppm/°C
< 2 ppm/°C
ABS
RATIO
TOL.
0.1 %
0.02 %
R
1 = R2
Actual size
R
1
R
2
13
2
ORDERING INFORMATION
R1 = 1 kΩ
TAS 209
50 k
Ω
TAS 214
2 k
Ω
TAS 210
100 k
Ω
TAS 215
5 k
Ω
TAS 211
200 k
Ω
TAS 216
10 k
Ω
TAS 212
500 k
Ω
TAS 217
20 k
Ω
TAS 213
1 M
Ω
TAS 218
Actual size
R
1 = R2
R
1
R
2
13
2
4
ORDERING INFORMATION
R1 = 1 kΩ
TAS 365
10 k
Ω
TAS 363
100 k
Ω
TAS 348
Actual size
R
1
R
1
1
2
R
1
34
R
1
5
6
R
1
7
8
ORDERING INFORMATION
R1 = 1 kΩ
TAS 329
5 k
Ω
TAS 1002
10 k
Ω
TAS 158
100 k
Ω
TAS 288
RoHS
COMPLIANT


Similar Part No. - TAS

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TAS TDK-TAS Datasheet
222Kb / 7P
sensors
logo
Texas Instruments
TAS1020 TI-TAS1020 Datasheet
375Kb / 93P
USB Streaming Controller
TAS1020A TI-TAS1020A Datasheet
493Kb / 114P
USB Streaming Controller
TAS1020APFB TI-TAS1020APFB Datasheet
493Kb / 114P
USB Streaming Controller
TAS1020B TI-TAS1020B Datasheet
493Kb / 114P
USB Streaming Controller
More results

Similar Description - TAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
09-Jan-07
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
Single-In-Line Conformal Coated Capacitor Networks
logo
Vishay Siliconix
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
Capacitor Networks, Single-In-Line,Conformal Coated SIP,
07-Aug-08
VTF VISHAY-VTF Datasheet
235Kb / 4P
Conformal, Single In-Line Resistor Networks (Custom)
16-May-07
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
Conformal, Single In-Line Resistor Networks (Standard)
05-Mar-08
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
logo
TT Electronics.
CR10A001 TTELEC-CR10A001 Datasheet
381Kb / 4P
In-Line Conformal Coated Resistor
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com