Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL766 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL766
Description  Optocoupler, Photodarlington Output, AC Input, Internal RBE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL766 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL766 Datasheet HTML 1Page - Vishay Siliconix IL766 Datasheet HTML 2Page - Vishay Siliconix IL766 Datasheet HTML 3Page - Vishay Siliconix IL766 Datasheet HTML 4Page - Vishay Siliconix IL766 Datasheet HTML 5Page - Vishay Siliconix IL766 Datasheet HTML 6Page - Vishay Siliconix IL766 Datasheet HTML 7Page - Vishay Siliconix IL766 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VISHAY
IL766/ ILD766
Document Number 83643
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179039
E
C
C
E
1
2
3
4
8
7
6
5
B
C
E
NC
A/C
C/A
1
2
3
6
5
4
C/A
A/C
C/A
A/C
Pb
Pb-free
e3
Optocoupler, Photodarlington Output, AC Input, Internal RBE
Features
• Internal RBE for Better Stability
•BVCEO > 60 V
• AC or Polarity Insensitive Inputs
• Built-In Reverse Polarity Input Protection
• Industry Standard DIP Package
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• CSA 93751
• BSI IEC60950 IEC60065
Applications
Designed for applications requiring detection or mon-
itoring of AC signals.
Description
The IL766/ ILD766 are bidirectional input optically
coupled isolators. They consist of two Gallium Ars-
enide infrared emitting diodes coupled to a silicon
NPN photodarlington per channel.
The IL766 is single channel optocouplers. The
ILD766 has two isolated channels in a single DIP
package.
Order Information
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Each Channel
Part
Remarks
ILD766-1
CTR > 500 @ IF = 2.0 mA, DIP-8
ILD766-2
CTR > 500 @ IF = 1.0 mA, DIP-8
IL766-1
CTR > 500 @ IF = 2.0 mA, DIP-6
IL766-2
CTR > 500 @ IF = 1.0 mA, DIP-6
IL766-1X007
CTR > 500 @ IF = 2.0 mA, SMD-6 (option 7)
Parameter
Test condition
Symbol
Value
Unit
Forward continuous current
IF
60
mA
Power dissipation, single channel
Pdiss
200
mW
Power dissipation, dual channel
Pdiss
90
mW
Derate linearly from 25 °C, single channel
2.6
mW/°C
Derate linearly from 25 °C, dual channel
1.2
mW/°C


Similar Part No. - IL766

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL766 SIEMENS-IL766 Datasheet
65Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLERS
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
BIDIRECTIONAL INPUT OPTOCOUPLER
logo
Vishay Siliconix
IL766B VISHAY-IL766B Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
IL766B-1 VISHAY-IL766B-1 Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
IL766B-2 VISHAY-IL766B-2 Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
More results

Similar Description - IL766

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
26-Oct-04
IL66B VISHAY-IL66B Datasheet
114Kb / 5P
Optocoupler, Photodarlington Output, With Internal RBE
26-Oct-04
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
IL66 VISHAY-IL66_07 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66B VISHAY-IL66B_05 Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, with Internal RBE
09-Nov-05
IL766B VISHAY-IL766B Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
ILD766 VISHAY-ILD766 Datasheet
130Kb / 6P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
03-Aug-11
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com