Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1431 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL1431
Description  PROGRAMMABLE VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431 Datasheet(HTML) 1 Page - STMicroelectronics

  TL1431 Datasheet HTML 1Page - STMicroelectronics TL1431 Datasheet HTML 2Page - STMicroelectronics TL1431 Datasheet HTML 3Page - STMicroelectronics TL1431 Datasheet HTML 4Page - STMicroelectronics TL1431 Datasheet HTML 5Page - STMicroelectronics TL1431 Datasheet HTML 6Page - STMicroelectronics TL1431 Datasheet HTML 7Page - STMicroelectronics TL1431 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 - Cathode
2 - Anode
3 - Anode
4 - N.C.
5 - N.C.
6 - Anode
7 - Anode
8 - Reference
Z
TO92
(Plastic Package)
.
ADJUSTABLE OUTPUT VOLTAGE :
Vref to 36V
.
SINK CURRENT CAPABILITY : 1 to 100mA
.
TYPICAL OUTPUT IMPEDANCE : 0.2
Ω
.
0.4% AND 0.25% VOLTAGE PRECISION
DESCRIPTION
The TL1431 is a programmable shunt voltage ref-
erence with guaranteed temperature stability over
the entire temperature range of operation.
The output voltage may be set to any value be-
tween Vref (approximately 2.5V) and 36V with two
external resistors.
The TL1431 operates with a wide current range
from 1 to 100mA with a typical dynamic impedance
of 0.2
Ω.
PIN CONNECTIONS
87
65
12
34
SO8
(Top view)
Ca thode Ano d e Re fer e n c e
12
3
TO92
(Top view)
D
SO8
(Batwing Plastic Micropackage)
PROGRAMMABLE VOLTAGE REFERENCE
TL1431
ORDER CODES
Part number
Temperature Range
Package
ZD
TL1431C/AC
-20
oC, +70oC
••
TL1431I/AI
-40
oC, +105oC
••
March 1998
1/8


Similar Part No. - TL1431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
603Kb / 26P
PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431 Datasheet
234Kb / 16P
Programmable voltage reference
11-Mar-2008
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
578Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL1431

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
Programmable voltage reference
03-Dec-2012
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com