Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1431 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TL1431
Description  PROGRAMMABLE VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431 Datasheet(HTML) 3 Page - STMicroelectronics

  TL1431 Datasheet HTML 1Page - STMicroelectronics TL1431 Datasheet HTML 2Page - STMicroelectronics TL1431 Datasheet HTML 3Page - STMicroelectronics TL1431 Datasheet HTML 4Page - STMicroelectronics TL1431 Datasheet HTML 5Page - STMicroelectronics TL1431 Datasheet HTML 6Page - STMicroelectronics TL1431 Datasheet HTML 7Page - STMicroelectronics TL1431 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
Tamb =25
oC (unless otherwise specified)
Symbol
Parameter
TL1431I
TL1431AI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference Input Voltage - (figure 1)
VKA =Vref,IK = 10mA
Tamb =25
oC
2.490
2.500
2.510
2.493
2.500
2.507
V
∆Vref
Reference Input Voltage Deviation Over
Temperature Range - (figure 1, note1)
VKA =Vref, IK= 10mA, Tmin.
≤ Tamb ≤ Tmax.
730
7
30
mV
∆Vref
∆T
Temperature Coefficient of Reference Input
Voltage - (note 2)
VKA =Vref,IK = 10mA, Tmin.
≤ Tamb ≤ Tmax.
±22
±100
±22
±100
ppm/
oC
∆Vref
∆VKA
Ratio of Change in Reference Input Voltage to
Change in Cathode to Anode Voltage - (figure 2)
IK = 10mA,
∆VKA = 36 to 3V
-1.1
-2
-1.1
-2
mV/V
Iref
Reference Input Current - (figure 2)
IK = 10mA, R1 = 10k
Ω,R2 = ∞
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
1.5
2.5
3
1.5
2.5
3
µA
∆Iref
Reference Input Current Deviation Over
Temperature Range - (figure 2)
IK = 10mA, R1 = 10k
Ω,R2 = ∞
Tmin.
≤ Tamb ≤ Tmax.
0.5
1
0.8
1.2
µA
Imin
Minimum Cathode Current for Regulation
(figure 1)
VKA =Vref
0.5
1
0.5
0.7
mA
Ioff
Off-State Cathode Current - (figure 3)
180
500
180
500
nA
|ZKA|
Dynamic Impedance - (figure 1, note 3)
VKA =Vref,
∆IK = 1 to 100mA, f ≤ 1kHz
0.2
0.5
0.2
0.5
Ω
T1
T2
Tempera ture
Vre fmax.
Vref min.
Notes : 1.
∆Vref is defined as the difference between the maximum and minimum values obtained over the full temperature
range.
∆Vref =Vref max. -Vref min
2.
The temperature coefficient is defined as the slopes (positive and negative) of the voltage vs temperature limits whithin
which the reference voltage is guaranteed.
3.
The dynamic Impedance is defined as |ZKA|
=
∆VKA
∆IK
25 C
Te m pe ra ture
ma x
2.5V
min
-n
p pm
/
C
+ n
ppm
/ C
TL1431
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com