Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1431 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL1431
Description  PROGRAMMABLE VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431 Datasheet(HTML) 6 Page - STMicroelectronics

  TL1431 Datasheet HTML 1Page - STMicroelectronics TL1431 Datasheet HTML 2Page - STMicroelectronics TL1431 Datasheet HTML 3Page - STMicroelectronics TL1431 Datasheet HTML 4Page - STMicroelectronics TL1431 Datasheet HTML 5Page - STMicroelectronics TL1431 Datasheet HTML 6Page - STMicroelectronics TL1431 Datasheet HTML 7Page - STMicroelectronics TL1431 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ik =10mA
Vka =Vref = 2.5V
Ik =Ikmin.
Vka =Vref
Ik =10mA
-40
-20
0
20
40
60
80
100
120
-0,04
-0,03
-0,02
-0,01
0
Temperature (
°C)
Drift (Ohms)
DRIFT OF RKA vs TEMPERATURE
1
3
10
3 0
1 00
3 00
1,000
3,000
10,000
-2 00
-1 00
0
100
200
-40
-30
-20
-10
0
10
20
30
40
50
60
Frequency (KHz)
Phase (
°)
Gain (dB)
Gain
Phas e
PHASE MARGIN vs FREQUENCY
1E-10
1E-9
1E-8
1E-7
0,000001
0,00001
0
20
40
60
80
100
120
Capacitive loads (F)
Current (mA)
2.5V
5.0V
10 V
15 V
20 V
28 V
STABILITY FOR CAPACITIVE LOADS
-40
-20
0
20
40
60
80
100
120
0,4
0,42
0,44
0,46
0,48
0,5
0,52
Temperature (
°C)
Imin (mA)
MINIMUM OPERATING CURRENT vs
TEMPERATURE
TL1431
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com